Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 4Page - STMicroelectronics VND920 Datasheet HTML 5Page - STMicroelectronics VND920 Datasheet HTML 6Page - STMicroelectronics VND920 Datasheet HTML 7Page - STMicroelectronics VND920 Datasheet HTML 8Page - STMicroelectronics VND920 Datasheet HTML 9Page - STMicroelectronics VND920 Datasheet HTML 10Page - STMicroelectronics VND920 Datasheet HTML 11Page - STMicroelectronics VND920 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
VND920
8/26
Doc ID 7767 Rev 6
2.2
Thermal data
EMAX
Maximum switching energy
(L = 0.25 mH; RL =0 Ω; Vbat =13.5 V;
Tjstart = 150 °C; IL =45A)
355
mJ
Ptot
Power dissipation TC ≤ 25 °C
6.25
W
Tj
Junction operating temperature
Internally limited
°C
Tc
Case operating temperature
- 40 to 150
°C
Tstg
Storage temperature
- 55 to 150
°C
Table 3.
Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 4.
Thermal data (per island)
Symbol
Parameter
Value
Unit
Rthj-lead
Thermal resistance junction-lead
20
°C/W
Rthj-amb
Thermal resistance junction-ambient (one chip ON)
60(1)
1.
When mounted on a standard single-sided FR-4 board with 1cm2 of Cu (at least 35 µm thick) connected to
all VCC pins. Horizontal mounting and no artificial air flow.
45(2)
2.
When mounted on a standard single-sided FR-4 board with 6cm2 of Cu (at least 35 µm thick) connected to
all VCC pins. Horizontal mounting and no artificial air flow.
°C/W
Rthj-amb
Thermal resistance junction-ambient (two chips ON)
46(1)
32(2)
°C/W
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com