Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VND920 Datasheet(PDF) 13 Page - STMicroelectronics

Part # VND920
Description  Double channel high-side solid-state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND920 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button VND920 Datasheet HTML 9Page - STMicroelectronics VND920 Datasheet HTML 10Page - STMicroelectronics VND920 Datasheet HTML 11Page - STMicroelectronics VND920 Datasheet HTML 12Page - STMicroelectronics VND920 Datasheet HTML 13Page - STMicroelectronics VND920 Datasheet HTML 14Page - STMicroelectronics VND920 Datasheet HTML 15Page - STMicroelectronics VND920 Datasheet HTML 16Page - STMicroelectronics VND920 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
VND920
Electrical specifications
Doc ID 7767 Rev 6
13/26
Figure 5.
IOUT/ISENSE versus IOUT
0
2468
10
12
14
16
18
20
22
24
26
28
30
32
3000
3500
4000
4500
5000
5500
6000
6500
min.Tj=-40°C
max.Tj=-40°C
min.Tj=25...150°C
max.Tj=25...150°C
typical value
IOUT (A)
IOUT/ISENSE
6500
6000
5500
5000
4500
4000
3500
3000
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com