Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 21 Page - Texas Instruments

Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 21 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 17Page - Texas Instruments DAC5686IPZP Datasheet HTML 18Page - Texas Instruments DAC5686IPZP Datasheet HTML 19Page - Texas Instruments DAC5686IPZP Datasheet HTML 20Page - Texas Instruments DAC5686IPZP Datasheet HTML 21Page - Texas Instruments DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
Quadrature Modulation Mode
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
The output of the mixer for the Nth sample is
Aout(N) = Ain(N)cos(2π(Nf + f0)/fDAC + φ) – Bin(N)sin(2π(Nf + f0)/fDAC + φ)
Bout(N) = Ain(N)sin(2π(Nf + f0)/fDAC + φ) + Bin(N)cos(2π(Nf + f0)/fDAC + φ)
where f = freq × fDAC/2
32 and
φ = phase × π/215 and f
0 is the initial value of the NCO accumulator. When
f = fDAC/2, f0 = 0, and φ = 0, the sine term is 0 and the equations simplify to
Aout(N) = Ain(N) × (–1)
N
Bout(N) = Bin(N) × (–1)
N
resulting in two independent, real up-conversion paths.
It is essential that the NCO accumulator initial value f0 = 0 to eliminate the cross-terms between the A and B
channels. The accumulator is reset to 0 when the NCO is running by raising the PHSTR pin to IOVDD (when
sync_phstr is set to 0). Note that the accumulator remains at 0 until the PHSTR pin is lowered to GND. The
following steps ensure that the accumulator does not have a non-zero starting value:
1. Program the frequency register to 231.
2. Enable the NCO by asserting register bit nco in config_msb.
3. Raise PHSTR to IOVDD.
4. Lower PHSTR to GND.
In quadrature modulation mode, on-chip mixing of complex I and Q inputs provides the final baseband-to-IF
up-conversion. Quadrature modulation mode is selected by mode[1:0] = 10 in the config_lsb register. Figure 23
shows the data path architecture in quadrature modulation mode. Complex baseband I and Q from the
ASIC/FPGA are input to the DAC5686, which in turn quadrature modulates I and Q to produce the final IF
single-sideband spectrum. DAC A is held constant, while DAC B presents the DAC5686 quadrature modulator
mode output.
NCO mixing frequencies are programmed through 32-bit freq (4 registers); 16-bit phase adjustments are
programmed through phase (2 registers). The NCO operates at the DAC update rate; thus, increased amounts
of interpolation allow for higher IFs. More details for the NCO are provided in the NCO section. For mixing to
fDAC/4, the DAC5686 provides a specific architecture that exploits the {… –1 0 1 0 …} resultant streams from sin
and cos; the NCO is shut off in this mode to conserve power. The fDAC/4 mix mode is implemented by
deasserting nco in register config_msb while in single-sideband or quadrature modulation mode.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com