Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 25 Page - Texas Instruments

Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 21Page - Texas Instruments DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
align
CLK2
1
t
0.5 ns
2f
=
-
th
CLK2
CLK1
DA[15:0]
DB[15:0]
∆ < talign
ts
T0002−01
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
In PLL CLOCK MODE, the DAC is driven at the input sample rate (unless the data is multiplexed) through
CLK1/CLK1C. CLK2/CLK2C is not used. In this case, there is no phase ambiguity on the clock. The DAC
generates the higher-speed DAC sample-rate clock using an internal PLL/VCO. In PLL clock mode, the user
provides a differential external reference clock on CLK1/CLK1C.
A type-4 phase-frequency detector (PFD) in the internal PLL compares this reference clock to a feedback
clock and drives the PLL to maintain synchronization between the two clocks. The feedback clock is
generated by dividing the VCO output by 1×, 2×, 4×, or 8× as selected by the prescaler (div[1:0]). The
output of the prescaler is the DAC sample rate clock and is divided down to generate clocks at ÷2, ÷4, ÷8,
and ÷16. The feedback clock is selected by the registers sel[1:0], and then is fed back to the PFD for
synchronization to the input clock. Because the feedback clock is also used for the data input rate, the
interpolation rate of the DAC5686 is the ratio of DAC output clock to the feedback clock. The PLLLOCK pin
is an output that indicates when the PLL has achieved lock. An external RC low-pass PLL filter is provided
by the user at pin LPF. See the low-pass filter section for filter-setting calculations. This is the only mode
where the LPF filter applies.
Use of the internal PLL/VCO generally results in higher phase noise than if an externally generated DAC
clock is used. At low frequencies, such as baseband signals, use of the internal PLL/VCO likely has a
minimal effect on signal quality. For higher IF frequencies, such as in single sideband or quadrature
modulation mode, the PLL/VCO phase noise can result in degradation of the signal. Note that most of the
DAC5686 plots and typical specifications are in external clock mode (PLLVDD = 0). Use of the DAC5686
PLL/VCO also can result in higher out-of-band spurious signals (see the Non-Harmonic Clock-Related
Spurious Signals section).
3. PLLVDD = 0 V and dual_clk = 1: DUAL CLOCK MODE
In DUAL CLOCK MODE, the DAC is driven at the DAC sample rate through CLK2/CLK2C and at the input
data rate through CLK1/CLK1C. The DUAL CLOCK MODE has the advantage of a clean external clock for
DAC sampling without the phase ambiguity. The edges of CLK1 and CLK2 must be aligned to within talign
(See Figure 26), defined as
where fCLK2 is the clock frequency of CLK2. For example, talign = 0.5 ns at fCLK2 = 500 MHz and 1.5 ns at fCLK2
= 250 MHz.
Figure 26. DAC and Data Clock Mode
The CDC7005 from Texas Instruments is recommended for providing phase-aligned clocks at different
frequencies for this application.
Table 3 provides a summary of the clock configurations with corresponding data rate ranges.
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com