Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 26 Page - Texas Instruments

Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments DAC5686IPZP Datasheet HTML 27Page - Texas Instruments DAC5686IPZP Datasheet HTML 28Page - Texas Instruments DAC5686IPZP Datasheet HTML 29Page - Texas Instruments DAC5686IPZP Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
PLLVDD
PLLGND
CLKGND
CLKVDD
PFD
Charge
Pump
VCO
/1
/2
/4
/8
D[15:0]
DIV[1:0]
PLLVDD
SEL[1:0]
PLLVDD
PLLLOCK
LPF
s
1
0
/2
/2
/2
/2
CLK1
CLK1C
Clk Buffer
CLK2
CLK2C
Clk Buffer
B0024-01
clk_16y
DAC
Sample
Clock
clk_8y
clk_4y
clk_2y
clk_1y
Data
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Figure 27. Clock-Generation Architecture
Table 3. Clock-Mode Configuration
CLOCK MODE
PLLVDD
DIV[1:0]
SEL[1:0]
DATA RATE (MSPS)
PLLLOCK PIN FUNCTION
Non-interleaved input data; internal PLL off; DA[15:0] data rate matches DB[15:0] data rate.
External 2×
0 V
XX
00
DC to 160
External clk2/clk2c clock ÷ 2
External 4×
0 V
XX
01
DC to 125
External clk2/clk2c clock ÷ 4
External 8×
0 V
XX
10
DC to 62.5
External clk2/clk2c clock ÷ 8
External 16×
0 V
XX
11
DC to 31.25
External clk2/clk2c clock ÷ 16
External dual clock 2×
0 V
XX
00
DC to 160
None - held low
External dual clock 4×
0 V
XX
01
DC to 125
None - held low
External dual clock 8×
0 V
XX
10
DC to 62.5
None - held low
External dual clock 16×
0 V
XX
11
DC to 31.25
None - held low
Interleaved input data on the DA[15:0] input pins; internal PLL off
External 2×
0 V
XX
00
DC to 80
External clk2/clk2c clock ÷ 2
External 4×
0 V
XX
01
DC to 80
External clk2/clk2c clock ÷ 4
External 8×
0 V
XX
10
DC to 62.5
External clk2/clk2c clock ÷ 8
External 16×
0 V
XX
11
DC to 31.25
External clk2/clk2c clock ÷ 16
External dual clock 2×
0 V
XX
00
DC to 80
None - held low
External dual clock 4×
0 V
XX
01
DC to 62.5
None - held low
External dual clock 8×
0 V
XX
10
DC to 31.25
None - held low
External dual clock 16×
0 V
XX
11
DC to 15.625
None - held low
26
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com