Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 22 Page - Texas Instruments

Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 22 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 18Page - Texas Instruments DAC5686IPZP Datasheet HTML 19Page - Texas Instruments DAC5686IPZP Datasheet HTML 20Page - Texas Instruments DAC5686IPZP Datasheet HTML 21Page - Texas Instruments DAC5686IPZP Datasheet HTML 22Page - Texas Instruments DAC5686IPZP Datasheet HTML 23Page - Texas Instruments DAC5686IPZP Datasheet HTML 24Page - Texas Instruments DAC5686IPZP Datasheet HTML 25Page - Texas Instruments DAC5686IPZP Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
FIR1
FIR2
FIR3
FIR4
IOUTB1
IOUTB2
16-Bit
DAC
DA[15:0]
DB[15:0]
2y–16y fDATA
fDATA
y2
B Gain
B
Offset
FIR1
FIR2
FIR3
FIR4
y2
y2
y2
y2
y2
y2
y2
FIR5
x
sin(x)
+
+/−
cos
sin
sin
cos
DEMUX
B0023-01
Serial Interface
DAC5686
SLWS147F – APRIL 2003 – REVISED JUNE 2009 ............................................................................................................................................................ www.ti.com
Figure 23. Data Path in Quadrature Modulation Mode
In quadrature modulation mode, only one output from the complex mixer stage is routed to the B DAC. The
output can be expressed as:
B(t) = I(t)sin(
ω
ct) + Q(t)cos(ωct)
or
B(t) = I(t)cos(
ω
ct) – Q(t)sin(ωct)
Single-sideband up-conversion is achieved when I and Q are Hilbert transform pairs. Upper- or lower-sideband
up-conversion is selected by ssb in the config_msb register, which selects the output from the mixer stage that
is routed out.
The offset and gain features for the B DAC, as previously described, are functional in the quadrature mode.
The serial port of the DAC5686 is a flexible serial interface that communicates with industry-standard
microprocessors and microcontrollers. The interface provides read/write access to all registers used to define the
operating modes of the DAC5686. It is compatible with most synchronous transfer formats and can be configured
as a 3- or 4-pin interface by sif4 in register config_msb. In both configurations, SCLK is the serial-interface
input clock and SDENB is the serial-interface enable. For the 3-pin configuration, SDIO is a bidirectional pin for
both data-in and data-out. For the 4-pin configuration, SDIO is data-in only and SDO is data-out only.
Each read/write operation is framed by signal SDENB (serial data enable bar) asserted low for 2 to 5 bytes,
depending on the data length to be transferred (1–4 bytes). The first frame byte is the instruction cycle, which
identifies the following data transfer cycle as read or write, how many bytes to transfer, and the address to/from
which to transfer the data. Table 1 indicates the function of each bit in the instruction cycle and is followed by a
detailed description of each bit. Frame bytes 2 through 5 comprise the data to be transferred.
Table 1. Instruction Byte of the Serial Interface
MSB
LSB
Bit
7
6
5
4
3
2
1
0
22
Submit Documentation Feedback
Copyright © 2003–2009, Texas Instruments Incorporated
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com