Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC5686IPZP Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC5686IPZP
Description  16-BIT, 500-MSPS, 2×–16× INTERPOLATING DUAL-CHANNEL DIGITAL-TO-ANALOG CONVERTER
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC5686IPZP Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC5686IPZP Datasheet HTML 5Page - Texas Instruments DAC5686IPZP Datasheet HTML 6Page - Texas Instruments DAC5686IPZP Datasheet HTML 7Page - Texas Instruments DAC5686IPZP Datasheet HTML 8Page - Texas Instruments DAC5686IPZP Datasheet HTML 9Page - Texas Instruments DAC5686IPZP Datasheet HTML 10Page - Texas Instruments DAC5686IPZP Datasheet HTML 11Page - Texas Instruments DAC5686IPZP Datasheet HTML 12Page - Texas Instruments DAC5686IPZP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
ELECTRICAL CHARACTERISTICS (AC SPECIFICATIONS)
(1)
DAC5686
www.ti.com ............................................................................................................................................................ SLWS147F – APRIL 2003 – REVISED JUNE 2009
over operating free-air temperature range, AVDD = 3.3 V, CLKVDD = 3.3 V, PLLVDD = 0 V, IOVDD = 3.3 V, DVDD = 1.8 V,
IOUTFS = 20 mA, external clock mode, differential transformer-coupled output, 50-Ω doubly terminated load (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analog Output
fCLK
Maximum output update rate
500
MSPS
ts(DAC)
Output settling time to 0.1%
Mid-scale transition
12
ns
tpd
Output propagation delay
2.5
ns
tr(IOUT)
(2)
Output rise time 10% to 90%
2.5
ns
tf(IOUT)
(2)
Output fall time 90% to 10%
2.5
ns
AC Performance—1:1 Impedance-Ratio Transformer
First Nyquist zone < fDATA/2
(3), 4× interpolation, dual DAC
mode, fDATA = 52 MSPS, fOUT = 14 MHz, TA = 25C,
89
IOVDD = 1.8 V
First Nyquist zone < fDATA/2
(3), 4× interpolation, dual DAC
mode, fDATA = 160 MSPS, fOUT = 20 MHz, full bypass,
68
79
TA = TMIN to TMAX and PLLVDD = 3.3 V for MIN, 25C for TYP,
IOVDD = 1.8 V for TYP
SFDR
Spurious free dynamic range
dBc
First Nyquist zone < fDATA/2
(3), 2× interpolation, dual DAC
mode, fDATA = 160 MSPS, fOUT = 41 MHz, TA = 25C,
72
IOVDD = 1.8 V
First Nyquist zone < fDATA/2
(3), 2× interpolation, dual DAC
mode, fDATA = 160 MSPS, fOUT = 61 MHz, TA = 25C,
68
IOVDD = 1.8 V
First Nyquist zone < fDATA/2, fDATA = 100 MSPS,
80
fOUT = 5 MHz, IOVDD = 1.8 V, fDAC = 400 MSPS
SNR
Signal-to-noise ratio
dB
First Nyquist zone < fDATA/2, fDATA = 78 MSPS,
fOUT = 15.6 MHz, 15.8 MHz, 16.2 MHz, 16.4 MHz,
72
IOVDD = 1.8 V, fDAC = 314 MSPS
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 122.88 MSPS,
72
baseband, dual DAC, 2× interpolation,
fOUT = 245 MSPS
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 76.8 MSPS, IF
77
= 19.2 MHz, dual DAC, 2× interpolation,
fOUT = 153.6 MSPS
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 122.88 MSPS,
76
IF = 30.72 MHz, dual DAC, 2× interpolation, fDAC = 245 MSPS
Adjacent-channel power
ACLR
dB
ratio
Single carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 61.44 MSPS,
73
IF = 61.44 MHz, quad mode, fDAC/4, 4×
interpolation, fDAC = 245 MSPS
Two-carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 122.88 MSPS,
72
IF = 30.72 MHz, dual DAC, 2× interpolation, fDAC = 245 MSPS
Four-carrier W-CDMA with 3.84-MHz BW, 5-MHz spacing,
centered at IF, TESTMODEL 1, 10 ms, fDATA = 121.88 MSPS,
64
complex IF - 30.72 MHz, quad mode, fDAC/4, 4× interpolation,
IF = 92.16 MHz
(1)
Specifications subject to change without notice
(2)
Measured single-ended into 50-
Ω load
(3)
See the Non-Harmonic Clock-Related Spurious Signals section for information on spurious products out of band (> fDATA/2).
Copyright © 2003–2009, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): DAC5686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com