Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 23 Page - Texas Instruments

Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 23 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 19Page - Texas Instruments DAC7750IPWPR Datasheet HTML 20Page - Texas Instruments DAC7750IPWPR Datasheet HTML 21Page - Texas Instruments DAC7750IPWPR Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
8.3.8 Watchdog Timer
This feature is useful to make sure that communication between the host processor and the DACx750 has not
been lost. The feature can be enabled by setting the WDEN bit of the Configuration Register to 1. The watchdog
timeout period can be set using the WDPD bits of the configuration register, as shown in Table 8-1. The timer
period is based off an internal oscillator with a typical value of 8 MHz.
Table 8-1. Watchdog Timeout Period
WDPD BITS
WATCHDOG TIMEOUT PERIOD (Typical)
00
10 ms
01
51 ms
10
102 ms
11
204 ms
If the watchdog timer is enabled, these devices must have an SPI frame with 0x95 as the write address byte
written to the device within the programmed timeout period. Otherwise, the ALARM pin asserts low and the
WD-FLT bit of the status register is set to 1. The ALARM pin can be asserted low for any of the different
conditions explained in Section 8.3.7. To reset the WD-FLT bit to 0, use a software reset, disable the watchdog
timer, or power down the device.
8.3.9 Frame Error Checking
In noisy environments, error checking can be used to check the integrity of SPI data communication between
the DACx750 and the host processor. To enable this feature, set the CRCEN bit of the Configuration Register
to 1. The frame error checking scheme is based on the CRC-8-ATM (HEC) polynomial x8 + x2 + x + 1 (that is,
100000111). When error checking is enabled, the SPI frame width is 32 bits, as shown in Table 8-2. Start with
the default 24-bit frame, enable frame error checking, and then switch to the 32-bit frame. The normal 24-bit
SPI data are appended with an 8-bit CRC polynomial by the host processor before feeding to the device. For a
register readback, the CRC polynomial is output on the SDO pins by the device as part of the 32-bit frame.
Table 8-2. SPI Frame with Frame Error Checking
Enabled
BIT 31:BIT 8
BIT 7:BIT 0
Normal SPI frame data
8-bit CRC polynomial
When in CRC mode, the DACx750 calculates CRC words every 32 clocks, unconditional of when the LATCH
pin toggles. The DACx750 decodes the 32-bit input frame data to compute the CRC remainder. If no error
exists in the frame, the CRC remainder is zero. When the remainder is non-zero (that is, the input frame has
single- or multiple-bit errors), the ALARM pin asserts low and the CRC-FLT bit of the status register is set to
1. The ALARM pin can be asserted low for any of the different conditions explained in Section 8.3.7. To reset
the CRC-FLT bit to 0, either issue software reset command of 0x96, disable the frame error checking, or power
down the device. In the case of a CRC error, the specific SPI frame is blocked from writing to the device.
If CRC mode is enabled on the first frame issued to the device after power up, issue a no operation, or NOOP,
command to the device in order to reset the SPI clock and SPI frame alignment in the event that any transients
on the SCLK line are interpreted as SCLK periods. A NOOP command can be issued to the device by simply
toggling the LATCH pin without any SCLK periods.
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com