Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 26 Page - Texas Instruments

Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 26 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments DAC7750IPWPR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
The time required for the output to slew over a given range is expressed as Equation 5.
Slew Time =
Output Change
Step Size Update Clock Frequency LSB Size
·
·
(5)
where
• Slew Time is expressed in seconds
• Output Change is expressed in amps (A) for IOUT or volts (V) for VOUT
When the slew rate control feature is enabled, all output changes happen at the programmed slew rate. This
configuration results in a staircase formation at the output. If the CLR pin is asserted, the output slews to the
zero-scale value at the programmed slew rate. Read bit 1 (SR-ON) of the Status Register to verify that the slew
operation has completed. The update clock frequency for any given value is the same for all output ranges. The
step size, however, varies across output ranges for a given value of step size because the LSB size is different
for each output range. Figure 8-4 shows an example of IOUT slewing at a rate set by the previously described
parameters. In this example for the DAC8750 (LSB size of 305 nA for the 0-mA to 20-mA range), the settings
correspond to an update clock frequency of 6.9 kHz and a step size of 128 LSB. As shown in the case with no
capacitors on CAP1 or CAP2, the steps occur at the update clock frequency (6.9 kHz corresponds to a period
close to 150 µs), and the size of each step is approximately 38 µA (128 × 305 nA). Calculate the slew time for a
specific code change by using Equation 5.
Time (150 µs/ div)
no cap
3 nF CAP1
3 nF CAP2
10 nF CAP1
10 nF CAP2
0 mA to 20 mA range
C001
SRCLK=1100h
SRSTEP = 111h
Figure 8-4. IOUT vs Time With Digital Slew Rate Control
Apply the desired programmable slew rate control setting before updating the DAC data register because
updates to the DAC data register in tandem with updates to the slew rate control registers can create race
conditions that may result in unexpected DAC data.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
26
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com