Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 25 Page - Texas Instruments

Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 25 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 21Page - Texas Instruments DAC7750IPWPR Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments DAC7750IPWPR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
8.3.11 Programmable Slew Rate
The slew rate control feature controls the rate at which the output current changes. With the slew rate control
feature disabled, the output changes smoothly at a rate limited by the output drive circuitry and the attached
load.
To reduce the slew rate, enable the slew rate control feature through bit 4 of the Control Register. With this
feature enabled, the output does not slew directly between the two values. Instead, the output steps digitally at
a rate defined by bits [7:5] (SRSTEP) and bits [11:8] (SRCLK) of the Control Register. SRCLK defines the rate
at which the digital slew updates, and SRSTEP defines the amount by which the output value changes at each
update. If the DAC data register is read while the DAC output is still changing, the instantaneous value is read.
Table 8-3 lists the slew rate step-size options. Table 8-4 summarizes the slew rate update clock options.
Table 8-3. Slew Rate Step-Size (SRSTEP) Options
SRSTEP
STEP SIZE (LSB)
DAC7750
DAC8750
000
0.0625
1
001
0.125
2
010
0.25
4
011
0.5
8
100
1
16
101
2
32
110
4
64
111
8
128
Table 8-4. Slew Rate Update Clock (SRCLK) Options
SRCLK
DAC UPDATE FREQUENCY (Hz)
0000
258,065
0001
200,000
0010
153,845
0011
131,145
0100
115,940
0101
69,565
0110
37,560
0111
25,805
1000
20,150
1001
16,030
1010
10,295
1011
8,280
1100
6,900
1101
5,530
1110
4,240
1111
3,300
www.ti.com
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com