Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 40 Page - Texas Instruments

Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 36Page - Texas Instruments DAC7750IPWPR Datasheet HTML 37Page - Texas Instruments DAC7750IPWPR Datasheet HTML 38Page - Texas Instruments DAC7750IPWPR Datasheet HTML 39Page - Texas Instruments DAC7750IPWPR Datasheet HTML 40Page - Texas Instruments DAC7750IPWPR Datasheet HTML 41Page - Texas Instruments DAC7750IPWPR Datasheet HTML 42Page - Texas Instruments DAC7750IPWPR Datasheet HTML 43Page - Texas Instruments DAC7750IPWPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
10 Power Supply Recommendations
The DACx750 family operates within the specified single-supply range of 10 V to 36 V applied to the AVDD pin.
The digital supply, DVDD, operates within the specified supply range of 2.7 V to 5.5 V or powered by the internal
4.6-V LDO, as described in Section 8.3.4.
Switching power supplies and DC/DC converters often have high-frequency glitches or spikes riding on the
output voltage. In addition, digital components can create similar high-frequency spikes. This noise can be easily
coupled into the DAC output voltage or current through various paths between the power connections and
analog output. To further reduce noise, include bulk and local decoupling capacitors.
CAUTION
Do not ramp the supplies for the DACx750 faster than 1 V/ns or damage may result to the device. A
10-Ω series resistor from the analog supply to the device AVDD connection helps reduce the supply
ramp.
The DACx750 has internal power on reset (POR) circuitry for both the digital DVDD and analog AVDD supplies.
This circuitry makes sure that the internal logic and power-on state of the DAC power up to the proper state
independent of the supply sequence. The recommended power-supply sequence is to first have the analog
AVDD supply come up, followed by the digital DVDD supply. DVDD can come up first as long as AVDD ramps to
at least 5 V within 50 μs. If neither condition can be satisfied, issue a software reset command using the SPI bus
after both AVDD and DVDD are stable.
The current consumption on the AVDD pin and current ranges for the current output are listed in Section 7.5.
The power supply must meet the requirements listed in Section 7.5.
11 Layout
11.1 Layout Guidelines
To maximize the performance of the DACx750 in any application, good layout practices and proper circuit design
must be followed. A few recommendations specific to the DACx750 are:
• As illustrated in Figure 9-1, CAP2 is directly connected to the input of the final IOUT amplifier. Any noise
or unwanted ac signal routed near the CAP1 and CAP2 pins could capacitively couple onto internal nodes
and affect IOUT. Therefore, make sure to avoid routing any digital or HART signal traces over the CAP1 and
CAP2 traces.
• Connect the thermal PAD to the lowest potential in the system.
• Make sure that AVDD has decoupling capacitors local to the respective pins.
• Place the reference capacitor close to the reference input pin.
• Avoid routing switching signals near the reference input.
• For designs that include protection circuits:
– Place diversion elements, such as TVS diodes or capacitors, close to off-board connectors to make sure
that return current from high-energy transients does not cause damage to sensitive devices.
– Use large, wide traces to provide a low-impedance path to divert high-energy transients away from I/O
pins.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
40
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com