Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7750IPWPR Datasheet(PDF) 24 Page - Texas Instruments

Part # DAC7750IPWPR
Description  DACx750 Single-Channel, 12-Bit and 16-Bit Programmable Current Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7750IPWPR Datasheet(HTML) 24 Page - Texas Instruments

Back Button DAC7750IPWPR Datasheet HTML 20Page - Texas Instruments DAC7750IPWPR Datasheet HTML 21Page - Texas Instruments DAC7750IPWPR Datasheet HTML 22Page - Texas Instruments DAC7750IPWPR Datasheet HTML 23Page - Texas Instruments DAC7750IPWPR Datasheet HTML 24Page - Texas Instruments DAC7750IPWPR Datasheet HTML 25Page - Texas Instruments DAC7750IPWPR Datasheet HTML 26Page - Texas Instruments DAC7750IPWPR Datasheet HTML 27Page - Texas Instruments DAC7750IPWPR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
8.3.10 User Calibration
The device implements a user-calibration function (enabled by the CALEN bit in the Configuration Register) to
trim system gain and zero errors. The DAC output is calibrated according to the value of the gain calibration and
zero calibration registers. The range of gain adjustment is typically ±50% of full-scale with 1 LSB per step. The
gain register must be programmed to 0x8000 to achieve the default gain of 1 because the power-on value of the
register is 0x0000, equivalent to a gain of 0.5. The zero code adjustment is typically ±32,768 LSBs with 1 LSB
per step. The input data format of the gain register is unsigned straight binary, and the input data format of the
zero register is 2's complement. The gain and offset calibration is described by Equation 4.
15
16
User _ GAIN
2
CODE _ OUT
CODE •
User _ ZERO
2
+
=
+
(4)
where
• CODE is the decimal equivalent of the code loaded to the DAC data register at address 0x01
• N is the bits of resolution (16 for DAC8750 and 12 for DAC7750)
• User_ZERO is the signed 16-bit code in the zero register
• User_GAIN is the unsigned 16-bit code in the gain register
• CODE_OUT is the decimal equivalent of the code loaded to the DAC (limited between 0x0000 to 0xFFFF for
DAC8750 and 0x000 to 0xFFF for DAC7750)
This is a purely digital implementation and the output is still limited by the programmed value at both ends of
the current output range (set by the RANGE bits, as described in Section 8.4.1). In addition, the correction only
makes sense for endpoints inside of the true device end points. To correct more than just the actual device error
(for example, a system offset), the valid range for the adjustment changes accordingly and must be taken into
account.
New calibration codes are only applied to subsequent writes to the DAC data register. Updating the calibration
codes does not automatically update the DAC output. Additionally, before applying new DAC data, configure the
calibration codes along with the slew rate control.
DAC7750, DAC8750
SBAS538D – DECEMBER 2013 – REVISED DECEMBER 2021
www.ti.com
24
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7750 DAC8750



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com