Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.B Datasheet(PDF) 29 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 29 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 25Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 27Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 28Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 32Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 69 page
background image
The +VSENSE pin is provided to enable sensing of the load by connecting to points electrically closer to the
load. This configuration allows the internal output amplifier to make sure that the correct voltage is applied
across the load, as long as headroom is available on the power supply. Ideally, this pin is used to correct for
resistive drops on the system board and is connected to VOUT at the pins. In some cases, both VOUT and
+VSENSE are brought out as pins and, through separate lines, connected remotely together at the load. In case
the +VSENSE line is cut, use an optional 5-kΩ resistor between VOUT and +VSENSE to prevent the amplifier
loop from breaking. The –VSENSE pin, on the other hand, is provided as a GND sense reference output from
the internal VOUT amplifier. The output swing of the VOUT amplifier is relative to the voltage seen at this pin.
The actual voltage difference between the –VSENSE pin and the device GND pins is not expected to be more
than a few 100 µV. The internal resistor in Figure 8-2 between the device internal GND and the –VSENSE pin is
typically 2 kΩ.
After power on, the power-on-reset circuit makes sure that all registers are at their default values. Therefore, the
voltage output buffer is in a Hi-Z state; however, the +VSENSE pin connects to the amplifier inputs through an
internal 60-kΩ feedback resistor (RFB in Figure 8-2). If the VOUT and +VSENSE pins are connected together,
the VOUT pin is also connected to the same node through the feedback resistor. This node is protected by
internal circuitry and settles to a value between GND and the reference input.
The output voltage (VOUT) can be expressed as Equation 1 and Equation 2.
For unipolar output mode:
N
CODE
VOUT
VREF • GAIN •
2
=
(1)
For bipolar output mode:
N
CODE
VREF
VOUT
VREF • GAIN •
GAIN •
2
2
=
-
(2)
where
• CODE is the decimal equivalent of the code loaded to the DAC
• N is the bits of resolution; 16 for DAC8760 and 12 for DAC7760
• VREF is the reference voltage; for internal reference, VREF = 5 V
• GAIN is automatically selected for a desired voltage output range as shown in Table 8-1
Table 8-1. Voltage Output Range vs Gain Setting(1)
VOLTAGE OUTPUT
GAIN
0 V to 5 V
1
0 V to 10 V
2
±5 V
2
±10 V
4
(1)
VREF = 5 V
The voltage range is set according to the value of the RANGE bits and the OVR bit in the Control Register. The
OVR bit makes the gain value in Table 8-1 increase by 10%, thereby increasing the voltage output range, as
shown in Table 8-8 (see Section 8.4.1 for more details).
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com