Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.B Datasheet(PDF) 30 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 30 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 26Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 27Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 28Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 29Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 30Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 31Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 32Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 33Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 69 page
background image
8.3.3 Current Output Stage
The current output stage consists of a preconditioner and a current source as conceptualized in Figure 8-3. This
stage provides a current output according to the DAC code. The output range can be programmed as 0 mA to
20 mA, 0 mA to 24 mA, or 4 mA to 20 mA. An external boost transistor can be used to reduce the power
dissipation of the device. The maximum compliance voltage on pin IOUT equals (AVDD – 2 V). In single
power-supply mode, the maximum AVDD is 36 V, and the maximum compliance voltage is 34 V. After power on,
the IOUT pin is in a Hi-Z state.
+
12-/16-BitBa_
DACBa_
RSET
R2
T1
A1
+
T2
A2
R3
í
í
IOUT
BOOST
AVDD
Figure 8-3. Current Output
Resistor RSET (used to convert the DAC voltage to current) determines the stability of the output current over
temperature. If desired, an external, low-drift, precision 15-kΩ resistor can be connected to the ISET-R pin and
used instead of the internal RSET resistor.
For a 5-V reference, the output can be expressed as shown in Equation 3 through Equation 5.
For a 0-mA to 20-mA output range:
N
CODE
IOUT
20mA •
2
=
(3)
For a 0-mA to 24-mA output range:
N
CODE
IOUT
24mA •
2
=
(4)
For a 4-mA to 20-mA output range:
N
CODE
IOUT
16mA •
4mA
2
=
+
(5)
where
• CODE is the decimal equivalent of the code loaded to the DAC.
• N is the bits of resolution; 16 for DAC8760 and 12 for DAC7760.
The current-output range is normally set according to the value of the RANGE bits in the Control Register. When
both the voltage and current outputs are enabled in dual-output mode, the range is set by the IOUT RANGE
bits in the Configuration Register. See Section 8.4.1 for more details. For more details on controlling the current
output when both the VOUT and IOUT pins are simultaneously enabled, see Section 9.1.1.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
30
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com