Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.B Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 9Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 10Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 11Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 12Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 13Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
7.5 Electrical Characteristics (continued)
at AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS| ≤ 36 V, GND = 0 V, REFIN = 5-V external, and DVDD = 2.7 V
to 5.5 V; for VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω; all specifications are from TA = –40°C to +125°C (unless
otherwise noted); typical specifications are at 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
POWER REQUIREMENTS
AIDD
Outputs disabled, external DVDD
3
mA
Outputs disabled, internal DVDD
4
Code = 0x8000, VOUT enabled, unloaded
4.6
Code = 0x0000, IOUT enabled
3
Code = 0x0000, both outputs enabled, VOUT
unloaded
4.6
AISS
Outputs disabled
0.6
mA
Outputs disabled, Internal DVDD
0.6
Code = 0x8000, VOUT enabled, unloaded
2.6
Code = 0x0000, IOUT enabled
0.6
Code = 0x0000, both outputs enabled, VOUT
unloaded
2.6
DIDD
VIH = DVDD, VIL = GND, interface idle
1
mA
Power dissipation
AVDD = 36 V, AVSS = GND, VOUT enabled,
unloaded, DVDD = 5 V
140
170
mW
AVDD = 18 V, AVSS = –18 V, VOUT enabled,
unloaded, DVDD = 5 V
135
TEMPERATURE
Thermal alarm
142
°C
Thermal alarm hysteresis
18
°C
(1)
DAC8760 and DAC7760 current output range is set by writing to RANGE bits in control register at address 0x55.
(2)
When powered with AVSS = 0 V, INL and offset error for the 0-V to 5-V and 0-V to 10-V ranges are calculated beginning from code
0x0100 for DAC8760 and from code 0x0010 for DAC7760.
(3)
Assumes a footroom of 0.5 V.
(4)
Specified by design and characterization; not production tested.
(5)
For 0-mA to 20-mA and 0-mA to 24-mA ranges, INL is calculated beginning from code 0x0100 for DAC8760 and from code 0x0010 for
DAC7760.
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com