Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.B Datasheet(PDF) 6 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 2Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 3Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 4Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 5Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 6Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 7Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 8Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 9Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
7.4 Thermal Information
THERMAL METRIC(1)
DACx760
UNIT
RHA (VQFN)
PWP (HTSSOP)
40 PINS
24 PINS
RθJA
Junction-to-ambient thermal resistance
32.9
32.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
17.2
14.1
°C/W
RθJB
Junction-to-board thermal resistance
7.5
12.2
°C/W
ψJT
Junction-to-top characterization parameter
0.2
0.3
°C/W
ψJB
Junction-to-board characterization parameter
7.5
12
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
1.4
0.63
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
7.5 Electrical Characteristics
at AVDD = 10 V to 36 V, AVSS = –18 V to 0 V, AVDD + |AVSS| ≤ 36 V, GND = 0 V, REFIN = 5-V external, and DVDD = 2.7 V
to 5.5 V; for VOUT: RL = 1 kΩ, CL = 200 pF; for IOUT: RL = 300 Ω; all specifications are from TA = –40°C to +125°C (unless
otherwise noted); typical specifications are at 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOLTAGE OUTPUT
Voltage output ranges (normal mode)
AVDD ≥ 10 V
0
5
V
AVDD ≥ 10.5 V
0
10
AVSS ≤ –5.5 V, AVDD ≥ 10 V
–5
5
AVSS ≤ –10.5 V, AVDD ≥ 10.5 V
–10
10
Voltage output range (overrange mode)
AVDD ≥ 10 V
0
5.5
V
AVDD ≥ 11.5 V
0
11
AVSS ≤ –6 V, AVDD ≥ 10 V
–5.5
5.5
AVSS ≤ –11.5 V, AVDD ≥ 11.5 V
–11
11
Resolution
DAC8760
16
Bits
DAC7760
12
ACCURACY(2)
Total unadjusted error, TUE
TA = –40°C to 125°C
–0.07%
0.07%
FSR
TA = –40°C to +85°C
–0.06%
0.06%
TA = 25°C
–0.04%
±0.015%
0.04%
Differential nonlinearity, DNL
Monotonic
±1
LSB
Relative accuracy, INL
TA = –40°C to 125°C
±0.04%
FSR
TA = –40°C to +85°C
±0.022%
Bipolar zero error
TA = –40°C to 125°C
–7
7
mV
TA = –40°C to +85°C
–6
6
TA = 25°C, ±5 V and ±5.5 V
–1.5
±0.5
1.5
TA = 25°C, ±10 V and ±11 V
–3
±1
3
Bipolar zero error temperature coefficient
±1
ppm FSR/°C
Zero-scale error(3)
Unipolar range (0 V to 5 V,
0 V to 5.5 V, 0 V to 10 V,
0 V to 11 V)
TA = –40°C to 125°C
–4
4
mV
TA = –40°C to +85°C
–2
2
TA = 25°C
–0.6
±0.1
0.6
Bipolar range (±5 V,
±5.5 V, ±10 V, ±11 V)
TA = –40°C to 125°C
–10
10
mV
TA = 25°C
–3.5
±1
3.5
Zero-scale error temperature coefficient
±2
ppm FSR/°C
Offset error
TA = –40°C to 125°C, unipolar range
–4
4
mV
TA = –40°C to +85°C, unipolar range
–2
2
TA = 25°C, unipolar range
–0.6
±0.1
0.6
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com