Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC7760IPWPR.B Datasheet(PDF) 49 Page - Texas Instruments

Part # DAC7760IPWPR.B
Description  DACx760 Single-Channel, 12- and 16-Bit Programmable Current and Voltage Output Digital-to-Analog Converters for 4-mA to 20-mA Current-Loop Applications
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DAC7760IPWPR.B Datasheet(HTML) 49 Page - Texas Instruments

Back Button DAC7760IPWPR.B Datasheet HTML 45Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 46Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 47Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 48Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 49Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 50Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 51Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 52Page - Texas Instruments DAC7760IPWPR.B Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 69 page
background image
Under normal operation, most current in this circuit flows through Q1 and into R3. As current increases through
R3, so does the voltage drop across R3, which increases the base-emitter voltage of Q2. Eventually the base-
emitter voltage of Q2 becomes high enough to turn on Q2, which turns off Q1 and reduce the current that can
pass from VIN to VOUT. The value of R3 sets the current limit. Be aware that this example is very simple and
only applies for sourcing current into a resistive load. For cases involving both sourcing and sinking current as
well as nonresistive loads, more complex circuits are required to achieve bidirectional current limiting.
9.2 Typical Application
ISO7631FC
DACx760
IOUT
Voltage Output:
0 V to 5 V,
0 V to 10 V,
±5 V,
±10 V
Current Output:
0 mA to 20 mA,
4 mA to 20 mA,
0 mA to 24 mA
+15 V
–15V
15-V
Bidirectional
TVS
+15 V
15-V
Bidirectional
TVS
Ferrite Bead
100 nF
100 nF
15
15
15
1 nF
–VSENSE
VOUT
CMP
+VSENSE
REFIN
REFOUT
GND
HART-IN
HART Signal
FSK 1200 Hz to
2200 Hz
AVSS
AVDD
DVDD
DVDD-EN
+15 V
–15 V
0.1 F
0.1 F
22 nF
100 pF
0.1 F
100 pF
0.1 F
SCLK
SDIN
SDO
CLR-SEL
LATCH
CLR
ALARM
10 k
INC
OUTA
OUTB
VCC2
GND2
0.1 F
0.1 F
ISO7631FC
INC
OUTA
OUTB
VCC2
GND2
VCC1
GND1
OUTC
INA
INB
VCC1
GND1
OUTC
INA
INB
Digital Controller
GND
VDD
0.1 F
0.1 F
0.1 F
SCLK
MOSI
MISO
CS
GPIO
GPIO
Isolation
Barrier
TPS54062
+24-V Field Supply Input
Field GND
+18 V
–18 V
TPS7A30
TPS7A49
–15 V
+15 V
Field
Connections
100 pF
–15 V
10 Ω
Figure 9-6. Voltage and Current Output Driver for Factory Automation and Control, EMC and EMI
Protected - DACx760 in an Analog Output (AO) Module
9.2.1 Design Requirements
Analog I/O modules are used by programmable logic controllers (PLCs) and distributed control systems (DCSs)
to interface to sensors, actuators, and other field instruments. These modules must meet stringent electrical
specifications for both performance as well as protection. These outputs are typically current loops based on
the 4-mA to 20-mA range and derivatives or voltage outputs ranging from 0 V to 5 V, 0 V to 10 V, ±5 V, and
±10 V. Common error budgets accommodate 0.1% full-scale range total unadjusted error (% FSR TUE) at room
temperature. Designs that desire stronger accuracy over temperature frequently implement calibration. Often
times the PLC back-plane provides access to a 12-V to 36-V analog supply from which a majority of supply
voltages are derived.
www.ti.com
DAC7760, DAC8760
SBAS528D – JUNE 2013 – REVISED DECEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: DAC7760 DAC8760



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com