Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 69 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 69 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 65Page - STMicroelectronics L9679E Datasheet HTML 66Page - STMicroelectronics L9679E Datasheet HTML 67Page - STMicroelectronics L9679E Datasheet HTML 68Page - STMicroelectronics L9679E Datasheet HTML 69Page - STMicroelectronics L9679E Datasheet HTML 70Page - STMicroelectronics L9679E Datasheet HTML 71Page - STMicroelectronics L9679E Datasheet HTML 72Page - STMicroelectronics L9679E Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 127 page
background image
Figure 12. Analog deployment block diagram
SSxy
SFx
SRx
SGxy
22nF
22nF
Rsquib/
pyroswitch
-
+
LS_ON
+
-
HS_ON
To deploy
current >90%
counter
5%R
95%R
R/2000
(50mΩ)
OP with switching
Offset compensation
IREF= 1mA
2000 x IREF
Open to short comp
R
Vclamp >35V
Same power
transistor
VINT3V3
Enable _HSx
EN_ISINK
OPphase
OPphase
LS_OC_Comp
GNDSUB1&2
Loss ground
diode
+
-
LS_Loss _Gnd
Ipulldown
Ilimit = 70mA typ
Enable _LSx
Passive
Switch -off
Active
Switch -off
Passive
Switch -off
Active
Switch -off
SSxy
VINT3V3
VINT3V3
GADG0603181553PS
7.1.1
Safe operating area vs deployment current profiles
Deployment current is programmed for each channel using the Deploy Configuration Register (DCRx) shown in
DCR_x(x=0, 2, 4, 6) and DCR_x(x=1, 3, 5, 7).
In the same register the Deploy Time Selection allows the device to deploy for a time up to 4.032 ms.
In order to prevent device damage, a constraint on squib/pyroswitch supply voltage versus maximum Tj at the
deployment start shall be specified as following:
Squib/Pyroswitch Deploy current profile = 1.2 A / 2 ms (DCR_Deploy_Time ≤ 34):
6 V ≤ V_SSxy ≤ 22.75 V
with -40 °C ≤ Tj_start ≤ 130 °C;
6 V ≤ V_SSxy ≤ 21.5 V
with -40 °C ≤ Tj_start ≤ 150 °C;
Squib/Pyroswitch Deploy current profile = 1.75 A / 700 µs (DCR_Deploy_Time ≤ 13):
9 V ≤ V_SSxy ≤ 25 V
with -40 °C ≤ Tj_start ≤ 115 °C;
9 V ≤ V_SSxy ≤ 23.75 V
with -40 °C ≤ Tj_start ≤ 130 °C;
9 V ≤ V_SSxy ≤ 22.5 V
with -40 °C ≤ Tj_start ≤ 150 °C;
Squib/Pyroswitch Deploy current profile = 1.75 A / 500 µs (DCR_Deploy_Time ≤ 10):
9 V ≤ V_SSxy ≤ 25 V
with -40 °C ≤ Tj_start ≤ 150 °C;
Squib/Pyroswitch Deploy current profile = 1.2 A / 3.2 ms (DCR_Deploy_Time ≤ 54):
6 V ≤ V_SSxy ≤ 20.1 V
with -40 °C ≤ Tj_start ≤ 130 °C;
6 V ≤ V_SSxy ≤ 19.3 V
with -40 °C ≤ Tj_start ≤ 150 °C;
Squib/Pyroswitch Deploy current profile = 1.75 A / 2 ms (DCR_Deploy_Time ≤ 34):
L9679E
Deployment drivers
DS12485 - Rev 8
page 69/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com