Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 83 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 83 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 79Page - STMicroelectronics L9679E Datasheet HTML 80Page - STMicroelectronics L9679E Datasheet HTML 81Page - STMicroelectronics L9679E Datasheet HTML 82Page - STMicroelectronics L9679E Datasheet HTML 83Page - STMicroelectronics L9679E Datasheet HTML 84Page - STMicroelectronics L9679E Datasheet HTML 85Page - STMicroelectronics L9679E Datasheet HTML 86Page - STMicroelectronics L9679E Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 127 page
background image
To reject glitches on decoded signal that could compromise message decoding a deglitch filter is implemented
after current transition detection. This means that a delay is present until the threshold crossing is detected by
decoder. The filter time can be configured in 15 steps by PSI5FILT bits through the Remote Sensor Configuration
Register and can be selected individually for each channel.
Each RSDRx register is updated after a certain delay (TWRITE_EN_DELAY) from the end of relative sensor
message. All the bits inside the register itself are simultaneously updated upon reception of the remote sensor
message to prevent partial frame data from being sampled via the SPI interface. After the data for a given
channel is read via the SPI interface, subsequent requests for data from this channel will result in an error
response.The remote sensor interface is also able to detect faults occurring on the sensor interface. The remote
sensor data register (RSDRx) will report multiple fault flags.
When the number of bits decoded is incorrect (either too many or too few), a bit error is indicated. When any bit
error is detected (bit time, too many bits, too few bits), the decoder will revert to the minimum bit time of the
selected range and the message is discarded.
Error bit INVALID is an OR-ed combination of the following errors:
•
Start bit error outside of selected operating range
•
Data length error or stop bit error
•
Parity error of received remote sensor message
•
Bit time error (a data bit edge is not received inside the expected time window)
Synchronous mode
The received message data is stored in input data registers that are read out by the microcontroller via the SPI
interface. For PSI-5 synchronous mode, three data registers per channel are used to store remote sensor
messages received during time slots 1, 2, and 3 respectively.
In case of a fault related to a channel, the fault bit is loaded in all the 3 time slot register and has the priority, so
the fault overwrites valid data.
To allow the sampling synchronization of remote sensor data with the software in the microcontroller, the remote
sensor interface block includes sync-pulse circuitry to signal initiation of sampling in the remote sensor. The sync-
pulse is output to the remote sensors in the form of an increased voltage level on the RSUx pins when sampling is
to be conducted. The higher voltage level required for the sync-pulse is sourced from the VSYNC pin. Pulse
shaping is used to limit the slew rate of the pulses to reduce EMI. Feedback protection is provided to prevent fault
conditions on one channel from affecting the others during sync-pulse generation. The microcontroller schedules
the activation of the sync pulses to the four channels by providing a periodic signal to the SATSYNC pin. When a
rising edge is detected on SATSYNC pin, the remote sensor interface block outputs sync pulses on output
channels RSUx in sequence to reduce the average current inrush to the remote sensors as shown in
Figure 23. Remote sensor synchronization pulses. The voltage source in the remote sensor interface block can
source and sink current and is used to discharge the bus capacitance at the end of the sync pulse. The pull down
device used to sink current is current limited.
L9679E
Remote sensor interface
DS12485 - Rev 8
page 83/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com