Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 2 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 2 Page - STMicroelectronics

  L9679E Datasheet HTML 1Page - STMicroelectronics L9679E Datasheet HTML 2Page - STMicroelectronics L9679E Datasheet HTML 3Page - STMicroelectronics L9679E Datasheet HTML 4Page - STMicroelectronics L9679E Datasheet HTML 5Page - STMicroelectronics L9679E Datasheet HTML 6Page - STMicroelectronics L9679E Datasheet HTML 7Page - STMicroelectronics L9679E Datasheet HTML 8Page - STMicroelectronics L9679E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 127 page
background image
1
Absolute maximum ratings
This part may be irreparably damaged if taken outside the specified Absolute Maximum Ratings. Operation above
the Absolute Maximum Ratings may also cause a decrease in reliability.
The operating junction temperature range is -40 °C to +150 °C. The maximum junction temperature must not be
exceeded except when in deployment and within the deploy power stages. Deployment is possible starting with a
junction temperature of 150 °C.
L9679E
Absolute maximum ratings
DS12485 - Rev 8
page 2/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com