Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 4 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 4 Page - STMicroelectronics

  L9679E Datasheet HTML 1Page - STMicroelectronics L9679E Datasheet HTML 2Page - STMicroelectronics L9679E Datasheet HTML 3Page - STMicroelectronics L9679E Datasheet HTML 4Page - STMicroelectronics L9679E Datasheet HTML 5Page - STMicroelectronics L9679E Datasheet HTML 6Page - STMicroelectronics L9679E Datasheet HTML 7Page - STMicroelectronics L9679E Datasheet HTML 8Page - STMicroelectronics L9679E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 127 page
background image
Pin name
Pin function
Min
Max
Unit
CS_RS
Remote SPI interface chip select
-0.3
VCC+0.3 ≤ 6.5
V
MOSI_RS
Remote SPI interface data in
-0.3
VCC+0.3 ≤ 6.5
V
MISO_RS
Remote SPI interface data out
-0.3
VCC+0.3 ≤ 6.5
V
VCC
VCC voltage supply
-0.3
6.5
V
MISO_G
Global SPI interface data out
-0.3
VCC+0.3 ≤ 6.5
V
MOSI_G
Global SPI interface data in
-0.3
VCC+0.3 ≤ 6.5
V
SCLK_G
Global SPI interface clock
-0.3
VCC+0.3 ≤ 6.5
V
CS_G
Global SPI interface chip select
-0.3
VCC+0.3 ≤ 6.5
V
Exposed Pad Down
Substrate ground - Squib/Pyroswitch ground
-0.3
0.3
V
Table 2. ESD robustness
Symbol
Parameter
Test conditions
Min
Unit
HBM
HBM Human Body Model from Q100-002
All pins
±2000
V
HBM
HBM Human Body Model from Q100-002
Only for pins RSUx[x=0...3], SFx[x=0...7], SRx[x=0...7]. ±4000
V
CDM
CDM Charged Device Model from Q100-011 All pins
±500
V
CDM
CDM Charged Device Model from Q100-011 Corner pins
±750
V
Table 3. Temperature ranges and thermal resistances
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
Tamb
Operating ambient temperature
-40
-
105
°C
Tj
Junction temperature
-40
-
150
°C
RTh j-case
Thermal resistance junction-to-case
Bottom cold plate in contact
with package bottom case (e-
pad side).
JESD51 best practice
guidelines.
-
2.5
-
°C/W
RTh j-amb
Thermal resistance junction-to-
ambient
With 2s2p PCB std Jedec.
Natural convection.
Standard Jedec best
JESD51-7
-
30
-
°C/W
L9679E
Absolute maximum ratings
DS12485 - Rev 8
page 4/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com