Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679E Datasheet(PDF) 96 Page - STMicroelectronics

Part # L9679E
Description  Automotive battery cut-off circuit and airbag system expansion IC
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679E Datasheet(HTML) 96 Page - STMicroelectronics

Back Button L9679E Datasheet HTML 92Page - STMicroelectronics L9679E Datasheet HTML 93Page - STMicroelectronics L9679E Datasheet HTML 94Page - STMicroelectronics L9679E Datasheet HTML 95Page - STMicroelectronics L9679E Datasheet HTML 96Page - STMicroelectronics L9679E Datasheet HTML 97Page - STMicroelectronics L9679E Datasheet HTML 98Page - STMicroelectronics L9679E Datasheet HTML 99Page - STMicroelectronics L9679E Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 127 page
background image
12.2
Bill of materials
The following table summarizes the suggested BOM valid for both applications.
Table 16. Bill of materials
Component
Min
Typ
Max
Unit
Requirement
Notes
C1a
-
100
-
nF
35 V
VSYNC input capacitor
C1b
-
2.2
-
μF
35 V
VSYNC input capacitor
C2a
-
100
-
nF
25 V
VSAT input capacitor
C2b
-
2.2
-
μF
25 V
VSAT input capacitor
C3a
-
100
-
nF
16 V
VCC input capacitor
C3b
-
2.2
-
μF
16 V
VCC input capacitor
C4
-
100
-
nF
16 V
CVDD capacitor
D1..D4
-
1
-
A
-
SSxy diode
C5..C8
-
-
10
nF
25 V
SSxy capacitor
C9..C16
13
22
455
nF
25 V
SFx capacitor
C17..C24
13
22
455
nF
25 V
SRx capacitor
C25..C28
-
3.3
-
nF
25 V
RSUx capacitor
L9679E
Applications
DS12485 - Rev 8
page 96/127



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com