Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679PTR Datasheet(PDF) 49 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 49 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 45Page - STMicroelectronics L9679PTR Datasheet HTML 46Page - STMicroelectronics L9679PTR Datasheet HTML 47Page - STMicroelectronics L9679PTR Datasheet HTML 48Page - STMicroelectronics L9679PTR Datasheet HTML 49Page - STMicroelectronics L9679PTR Datasheet HTML 50Page - STMicroelectronics L9679PTR Datasheet HTML 51Page - STMicroelectronics L9679PTR Datasheet HTML 52Page - STMicroelectronics L9679PTR Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 279 page
background image
DS11627 Rev 7
49/279
L9679P
Start-up and power control
278
6.10
VSF regulator and control
The L9679P provides a low current linear regulator that can be used in the system design to
bias the external high side safing switch. The regulator output is 20 V nominal (configurable
to 25 V via SPI command). VSF is enabled if any of the ARMxINT signal is asserted, as
shown in Figure 24. The VSF regulator supply input is ERBOOST.
Figure 24. VSF control logic
VSF voltage can be monitored by the user through the internal ADC. Characteristics for this
function are shown in the electrical performance tables.
6.11
Oscillators
The device integrates two trimmed oscillators, both of them with spread spectrum capability
selectable via the CLK_CNF register.
The main oscillator runs at 16 MHz typ and is used to provide clock to the internal
synchronous logic. Moreover, this frequency is divided down by factor 8.5 to generate
clocks for the switching regulators (1.882 MHz typ).
The auxiliary oscillator runs at 7.5 MHz typ and is used to monitor the main oscillator. In
case the main oscillator frequency was lower than the fOSC_LOW_TH threshold or higher than
the fOSC_HIGH_TH threshold, the condition is detected by the frequency monitor circuit and
then latched into the CLKFRERR flag in the FLTSR register and a POR is issued. If the
clock error is temporary, then it is possible to read the fault flag once out of POR.
GAPGPS02268
VSF_EN
ARM1INT
ARM2INT
ARM3INT
ARM4INT
SAFING STATE
SAFESEL
ARMING STATE
DIAG STATE
DSTEST(VSF)
ARM_EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com