Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679PTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 1 Page - STMicroelectronics

  L9679PTR Datasheet HTML 1Page - STMicroelectronics L9679PTR Datasheet HTML 2Page - STMicroelectronics L9679PTR Datasheet HTML 3Page - STMicroelectronics L9679PTR Datasheet HTML 4Page - STMicroelectronics L9679PTR Datasheet HTML 5Page - STMicroelectronics L9679PTR Datasheet HTML 6Page - STMicroelectronics L9679PTR Datasheet HTML 7Page - STMicroelectronics L9679PTR Datasheet HTML 8Page - STMicroelectronics L9679PTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 279 page
background image
This is information on a product in full production.
August 2025
DS11627 Rev 7
1/279
L9679P
Automotive advanced airbag for mid/high end applications
and cut-off battery IC
Datasheet
- production data
Features
AEC-Q100 qualified
Boost regulator for energy reserve
– 1.882 MHz operation, Iload = 55 mA max
– Output voltage user selectable, 23 V/ 33 V
±5%
– Capacitor value & ESR diagnostics
Boost regulator for PSI-5 SYNC pulse
– 1.882 MHz operation,
– Output voltage, 12 V/14.75 V, user
configurable
Buck regulator for remote sensor
– 1.882 MHz operation
– Output voltage, 7.2 V/9 V ±4%, user
configurable
Buck regulator for micro controller unit
– 1.882 MHz operation
– Output voltage user selectable, 3.3 V or
5.0 V ±3%
Integrated energy reserve crossover switch
– 3 Ω - 912 mA max
– Switch active output indicator
Battery voltage monitor & shutdown control
with Wake-up control
System voltage diagnostics with integrated
ADC
Squib/pyroswitch deployment drivers
– 8 channel HSD/LSD
– 25 V max deployment voltage
– Various deployment profiles
– Current monitoring
– Rmeasure, STB, STG & Leakage
diagnostics
– High & low side driver FET tests
High side safing switch regulator and enable
control
Two channel remote sensor interface
– PSI-5 satellite sensors
Three channel GPO, HSD or LSD configurable,
with PWM 0-100% control
Nine channel hall-effect, resistive or switch
sensor interface
User customizable safing logic
Specific disarm signal for passenger airbag
Temporal and algorithmic Watchdog timers
End of life disposal interface
Temperature sensor
32 bit SPI communications
5.5 V minimum operating voltage at device
battery pin
Operating temperature, -40 to 95 °C
Packaging - 100 pin
Applications
Mid/High end airbag systems
Cut-off battery systems
Pyro Fuse/Pyroswitch management
GAPGPS02184
TQFP100 exposed pad down
(14x14x1.0mm)
www.st.com


Similar Part No. - L9679PTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
More results

Similar Description - L9679PTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8889AP TOSHIBA-TA8889AP Datasheet
393Kb / 11P
RGB CUT OFF DRIVE CONTROL IC
logo
Texas Instruments
BQ2023 TI-BQ2023 Datasheet
330Kb / 27P
SINGLE-WIRE ADVANCED BATTERY MONITOR IC FOR CELLULAR AND PDA APPLICATIONS
logo
Seiko Instruments Inc
S-8235AAA-TCT1U SII-S-8235AAA-TCT1U Datasheet
1Mb / 24P
FOR AUTOMOTIVE BATTERY PROTECTION IC
logo
STMicroelectronics
L9678P STMICROELECTRONICS-L9678P Datasheet
2Mb / 203P
Automotive user configurable airbag IC
27-Oct-2016
L9679P STMICROELECTRONICS-L9679P Datasheet
2Mb / 272P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9680 STMICROELECTRONICS-L9680 Datasheet
2Mb / 277P
Automotive advanced airbag IC for mid/high end applications
03-May-2016
L9679E STMICROELECTRONICS-L9679E Datasheet
1Mb / 124P
Automotive battery cut-off circuit and airbag system expansion IC
08-Jul-2021
L9689E STMICROELECTRONICS-L9689E Datasheet
2Mb / 19P
Automotive 8 channels chip for advanced airbag applications
06-Sep-2022
L9690 STMICROELECTRONICS-L9690 Datasheet
1Mb / 24P
Automotive 12 channels chip for advanced airbag applications
September 2022 Rev 2
L9691 STMICROELECTRONICS-L9691 Datasheet
1Mb / 24P
Automotive 16 channels chip for advanced airbag applications
September 2022 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com