Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679PTR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 73Page - STMicroelectronics L9679PTR Datasheet HTML 74Page - STMicroelectronics L9679PTR Datasheet HTML 75Page - STMicroelectronics L9679PTR Datasheet HTML 76Page - STMicroelectronics L9679PTR Datasheet HTML 77Page - STMicroelectronics L9679PTR Datasheet HTML 78Page - STMicroelectronics L9679PTR Datasheet HTML 79Page - STMicroelectronics L9679PTR Datasheet HTML 80Page - STMicroelectronics L9679PTR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 279 page
background image
DS11627 Rev 7
77/279
L9679P
SPI interfaces
278
Set based on voltage, cleared on SPI read
1 V_SYNCBOOST < SYNCBOOST_OK
0 V_SYNCBOOST > SYNCBOOST_OK
SATBUCK_NOK
-
-
- SATBUCK bad pin status
Set based on voltage, cleared on SPI read
1 V_SATBUCK < SATBUCK_OK
0 V_SATBUCK > SATBUCK_OK
ER_BST_NOK
-
-
- ERBOOST pin status
Set and cleared based on voltage
1 V_ERBOOST < ERBOOST_OK
0 V_ERBOOST > ERBOOST_OK
VCC_UV
-
-
- VCC_UV status
Set based on voltage, cleared on SPI read
0 VCC > VCC_UV
1 VCC < VCC_UV
VCC_OV
-
-
- VCC_OV status
Set based on voltage, cleared on SPI read
0 VCC < VCC_OV
1 VCC > VCC_OV
ER_BST_ON
0
-
- ERBOOST_ON state
Updated according to ER_BOOST Control Behavior diagram
0 RBOOST_OFF or ERBOOST_OT state or ER_BST_STBY state (boost
not running)
1 ERBOOST_ON state (boost running)
ER_CHRG_ON
0
0
0 ERCHARGE_ON state
Updated according to ER_CHARGE Power Mode Control diagram
0 ERCHARGE_ON = 0
1 ERCHARGE_ON = 1
ER_LCDIS_ON
0
-
- ER Low Current Discharge State
Updated according to ER Low current discharge state diagram
0 ER_LCDIS_OFF
1 ER_LCDIS_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com