Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679PTR Datasheet(PDF) 13 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 9Page - STMicroelectronics L9679PTR Datasheet HTML 10Page - STMicroelectronics L9679PTR Datasheet HTML 11Page - STMicroelectronics L9679PTR Datasheet HTML 12Page - STMicroelectronics L9679PTR Datasheet HTML 13Page - STMicroelectronics L9679PTR Datasheet HTML 14Page - STMicroelectronics L9679PTR Datasheet HTML 15Page - STMicroelectronics L9679PTR Datasheet HTML 16Page - STMicroelectronics L9679PTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 279 page
background image
DS11627 Rev 7
13/279
L9679P
Description
278
1
Description
The L9679P is a chip that can be used in advanced airbag systems for mature airbag
markets or in cut-off battery systems for integrated safety markets. This device is family
compatible with the L9678 and L9680 devices. Safety system integration is enabled through
higher power supply currents and integrated PSI-5 satellite interface.
High frequency power supply design allows further cost reduction by using smaller and less
expensive external components. All switching regulators operate at 1.882 MHz while buck
converters have integrated synchronous rectifiers.
Additional attention is given to system integrity and diagnostics. The reserve capacitor is
electrically isolated from the boost regulator by a 50 mA nominal fixed current source,
controlling in-rush an additional capacitor discharge fixed current source is integrated to
diagnose the reserve capacitor value and ESR. The same current sources can be used to
discharge the capacitor at shutdown.
Thanks to low quiescent current, the device can be directly connected to battery. In this way,
the device start-up and shutdown are controlled through the wake-up input function. The
power supply and crossover function are controlled automatically through the internal state
machine.
The user can select both ECU logic voltage (VCC at 3.3 V or 5.0 V) and energy reserve
output voltage (at either 23 V or 33 V). Deployment voltage is set to a maximum of 25 V for
all profiles and can be controlled through external safing switch circuit using the high side
safing switch reference enabled through the system SPI interface or the arming logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com