Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9679PTR Datasheet(PDF) 30 Page - STMicroelectronics

Part # L9679PTR
Description  Automotive advanced airbag for mid/high end applications and cut-off battery IC
PDF  279 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9679PTR Datasheet(HTML) 30 Page - STMicroelectronics

Back Button L9679PTR Datasheet HTML 26Page - STMicroelectronics L9679PTR Datasheet HTML 27Page - STMicroelectronics L9679PTR Datasheet HTML 28Page - STMicroelectronics L9679PTR Datasheet HTML 29Page - STMicroelectronics L9679PTR Datasheet HTML 30Page - STMicroelectronics L9679PTR Datasheet HTML 31Page - STMicroelectronics L9679PTR Datasheet HTML 32Page - STMicroelectronics L9679PTR Datasheet HTML 33Page - STMicroelectronics L9679PTR Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 279 page
background image
Start-up and power control
L9679P
30/279
DS11627 Rev 7
6.2.1
POWER OFF mode
During the POWER-OFF Mode all supplies are disabled keeping the system in a quiescent
state with very low current draw from battery. As soon as WAKEUP>WU_mon the IC will
move to SLEEP Mode.
6.2.2
SLEEP mode
During the Sleep mode the VINT3V3 and CVDD internal regulators are turned on and the IC
is ready for full activation of all the other supplies. As soon as VIN voltage is over a minimum
threshold, all the other supplies are turned on and the IC enters the ACTIVE mode.
6.2.3
ACTIVE mode
This is the normal operating mode for the system.
All power supplies are enabled and the energy reserve boost converter starts to increase
the voltage at ERBOOST. Likewise, the SYNCBOOST boost converter continues to charge
and regulate to a nominal 12 V (default level at startup). Once the SYNCBOOST has
reached a good value, the SATBUCK regulator starts up. In turn, when SATBUCK has
ramped up, VCC regulator is enabled. Once the VCC buck regulator is in regulation, RESET
is released allowing the system microcontroller and other components to begin their power-
on sequence. Among these, also the ER charge current generator can be enabled by the
microcontroller via a dedicated SPI command.
The active mode can be left when either WAKEUP pin or VIN voltage drop down. For the
very first 9ms after having entered the active mode, the WAKEUP pin low would
immediately cause the IC to switch back to sleep mode. After that time, WAKEUP pin low
must be first confirmed by a µC SPI_SLEEP command prior to cause the system to switch
to passive mode. Passive mode is also entered in case of VIN voltage low.
6.2.4
PASSIVE mode
In this state, the reserve capacitor charge current and the ERBOOST boost converter are
disabled. When in passive mode the device activates both the COVRACT output pin and the
integrated ER switch to allow VIN to be connected to the ER capacitor. In this time, VIN is
supposed to be increased up to almost VER level and the system operation relies on energy
from the ER capacitor. Two scenarios are possible: high or low battery. If VIN < VINGOOD,
the device moved from RUN state in ACTIVE mode to the ER state. Here, the ER capacitor
is depleted while supplying all the regulators until the POR on internal regulator occurs. The
threshold to decide the ER switch activation is based on VIN, because VIN is the supply
voltage rail for ERBOOST regulator. If the device has still a good battery level, it entered the
POWERMODE SHUTDOWN thanks to a microcontroller command to switch off. In this
case, the VER node will be discharged down to approximately VIN level, which then will be
supplied out of the battery line. System will continue to run up to a dedicated SPI command
to disable the SATBUCK regulator, which will lead the device to enter the POWEROFF
state.
The wake-up pin is filtered to suppress undesired state changes resulting from transients or
glitches. Typical conditions are shown in the chart below and summarized by state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com