Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9949 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 1 Page - STMicroelectronics

  L9949 Datasheet HTML 1Page - STMicroelectronics L9949 Datasheet HTML 2Page - STMicroelectronics L9949 Datasheet HTML 3Page - STMicroelectronics L9949 Datasheet HTML 4Page - STMicroelectronics L9949 Datasheet HTML 5Page - STMicroelectronics L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
L9949
September 20
13
s
ONE FULL BRIDGE FOR 6A LOAD (ron = 150mΩ)
s
THREE HALF BRIDGES FOR 1.6A LOAD
(ron = 800mΩ)
s
ONE HIGHSIDE DRIVER FOR 6A LOAD
(ron = 100mΩ)
s
VERY LOW CURRENT CONSUMPTION IN
STANDBY MODE (IS < 6µA, typ. Tj ≤ 85°C)
s
SERIAL PERIPHERAL INTERFACE (SPI) TO
MICROCONTROLLER
s
ALL OUTPUTS SHORT CIRCUIT PROTECTED
s
CURRENT MONITOR OUTPUT FOR FULL
BRIDGE AND HIGHSIDE DRIVER
s
ALL OUTPUTS OVER TEMPERATURE
PROTECTED
s
OPEN LOAD DIAGNOSTIC FOR ALL OUTPUTS
s
OVERLOAD DIAGNOSTIC FOR ALL OUTPUTS
APPLICATIONS
s
FOR AUTOMOTIVE APPLICATIONS, E.G.
FULL BRIDGE FOR DOOR LATCH OR
MIRROR RETRACT, HALF BRIDGES FOR
MIRROR AXIS CONTROL AND HIGH-SIDE
DRIVER FOR MIRROR DEFROSTER
DESCRIPTION
The L9949 is a microprocessor controlled power in-
terface for automotive applications. It is realized in
multipower BCD60III technology. Up to three DC mo-
PowerSO20
ORDERING NUMBER: L9949
DOOR ACTUATOR DRIVER
MULTIPOWER BCD60III TECHNOLOGY
BLOCK DIAGRAM
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
DI
DO
CLK
CSN
CM
Full bridge
Half bridge
Half bridge
Highside driver
M
M
M
Ground
e.g. for mirror retract
or door latch
e.g. for mirror
axis control
e.g. for mirror
defroster
V (battery)
S
V
CC
DocID
8808 Rev 4


Similar Part No. - L9949

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9949 STMICROELECTRONICS-L9949 Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - L9949

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9949 STMICROELECTRONICS-L9949 Datasheet
334Kb / 20P
DOOR ACTUATOR DRIVER
Sep-2002
L9951 STMICROELECTRONICS-L9951 Datasheet
52Kb / 4P
DOOR ACTUATOR DRIVER
Apr-2004
L9950 STMICROELECTRONICS-L9950 Datasheet
231Kb / 23P
DOOR ACTUATOR DRIVER
L9950 STMICROELECTRONICS-L9950_09 Datasheet
626Kb / 39P
Door actuator driver
09-Jun-2009
L9953 STMICROELECTRONICS-L9953 Datasheet
541Kb / 38P
Door actuator driver
14-May-2010
L9954 STMICROELECTRONICS-L9954 Datasheet
537Kb / 37P
Door actuator driver
17-May-2010
L99DZ70XP STMICROELECTRONICS-L99DZ70XP Datasheet
686Kb / 47P
Door actuator driver
19-Nov-2010
L99DZ81EP STMICROELECTRONICS-L99DZ81EP Datasheet
67Kb / 4P
Door actuator driver
16-Nov-2011
L99DZ70XPTR STMICROELECTRONICS-L99DZ70XPTR Datasheet
535Kb / 47P
Door actuator driver
22-Sep-2013
L9953LXP STMICROELECTRONICS-L9953LXP Datasheet
363Kb / 35P
Door actuator driver
19-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com