Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9949 Datasheet(PDF) 15 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics L9949 Datasheet HTML 16Page - STMicroelectronics L9949 Datasheet HTML 17Page - STMicroelectronics L9949 Datasheet HTML 18Page - STMicroelectronics L9949 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
15/20
L9949
SPI INTERFACE ELECTRICAL CHARACTERISTCS
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Delay time from standby to active mode
tset
Delay Time
Switching from standby to active
mode. Time until output drivers are
enabled after CSN going to high.
200
µs
Inputs: CSN, CLK and DI
VINL
Input Low Level
VCC =5V
1.5
V
VINH
Input High Level
VCC =5V
3.5
V
VINHyst
Input Hystersis
VCC =5V
0.5
V
ICSNin
Pull Up Current at input CSN
VCSN = 3.5 V
-50
-25
-10
µA
ICLK in
Pull Down Current at input CLK
VCLK =1.5 V
10
25
50
µA
IDI in
Pull Down Current at input DI
VDI =1.5 V
10
25
50
µA
Cin
(1)
Input Capacitance at input CSN
or CLK
0 V<VCC < 5.5 V
10
15
pF
DI timing (see Fig. 9 )(2)
tCLK
Clock Period
VCC = 5 V
1000
ns
tCLKH
Clock High Time
VCC = 5 V
400
ns
tCLKL
Clock Low Time
VCC = 5 V
400
ns
tset CSN
CSN setup time, CSN low before
rising edge of CLK
VCC = 5 V
400
ns
tset CLK
CLK setup time, CLK high before
rising edge of CSN
VCC = 5 V
400
ns
tset DI
DI setup time
VCC = 5 V
200
ns
thold DI
DI hold time
VCC = 5 V
200
ns
tr-in
Rise Time of Input Signal
DI, CLK, CSN
VCC =5V
100
ns
tf-in
Fall Time of Input Signal
DI, CLK, CSN
VCC =5V
100
ns
DO
VDOL
Output Low Level
VCC =5V, ID =-4 mA
0.2
0.4
V
VDOH
Output High Level
VCC =5V, ID =-4 mA
VCC
-1.3
VCC
-1.0
V
VCC =5V, ID =-200 µA; Tj = 25°C
VCC
-0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com