Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9949 Datasheet(PDF) 16 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics L9949 Datasheet HTML 16Page - STMicroelectronics L9949 Datasheet HTML 17Page - STMicroelectronics L9949 Datasheet HTML 18Page - STMicroelectronics L9949 Datasheet HTML 19Page - STMicroelectronics L9949 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
L9949
16/20
Figure 8. SPI-Interface - Transfer Timing Diagram
IDOLK
Tristate Leakage Current
VCSN =VCC, 0 V < VDO <VCC
-10
10
µA
CDO
Tristate Input Capacitance
VCSN =VCC,
0 V<VCC <5.5 V
10
15
pF
DO timing (see Figg. 10 & 11)
tr DO
DO Rise Time
CL =100 pF, Iload = -1mA
50
100
ns
tf DO
Data Out Fall Time
CL =100 pF, Iload = 1mA
50
100
ns
ten DO tri L DO Enable Time
from tristate to low level
CL =100 pF, Iload = 1mA
pull-up load to VCC
80
250
ns
ten DO L tri DO Disable Time
from low level totristate
CL =100 pF, Iload = 4mA
pull-up load to VCC
200
400
ns
ten DO tri H DO Enable Time
from tristate to high level
CL =100 pF, Iload = -1mA
pull-down load to GND
80
250
ns
ten DOH tri DO Disable Time
from high level totristate
CL =100 pF, Iload = -4mA
ppull-down load to GND
200
400
ns
td DO
DO Delay Time
VDO < 0.3 VCC, VDO > 0.7 VCC,
CL =100 pF
50
250
ns
(1)
Value of input capacity is not measured in production test. Parameter guarenteed by design.
(2)
DI timing parameters tested in production by a passed/failed test:
Tj=-40°C/+25°C: SPI communication @2MHz
Tj=+125°C:
SPI communication @1.25MHz
SPI INTERFACE ELECTRICAL CHARACTERISTCS (continued)
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
0
1
0
1
time
time
time
time
time
CSN high to low: DO enabled
actual data
DI: data will be accepted on the rising edge of CLK signal
new data
CSN
CLK
DI
DO
e.g.OUT1
DO: data will change on the falling edge of CLK signal
status information
fault bit
CSN low to high: actual data is
transfered to output power switches
old data
12
3
45
6
78
9
10 11
012
13 14 15
1
0
actual
l
data
1
2
3
456
78
9
10 11
012
13 14 15
1
2
3
456
78
9
10 11
012
13 14 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com