Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9949 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics L9949 Datasheet HTML 15Page - STMicroelectronics L9949 Datasheet HTML 16Page - STMicroelectronics L9949 Datasheet HTML 17Page - STMicroelectronics L9949 Datasheet HTML 18Page - STMicroelectronics L9949 Datasheet HTML 19Page - STMicroelectronics L9949 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
17/20
L9949
Figure 9. SPI-interface - Input Timing
Figure 10. Data Out Valid Data Delay Time and Valid Time
Figure 11. SPI-Interface - Data Out Enable and Disable Time
0.8 V
CC
0.8 V
CC
0.8 V
CC
0.2 V
CC
0.2 V
CC
0.2 V
CC
Valid
Valid
t
set CSN
CSN
CLK
DI
t
CLKH
t
set CLK
t
CLKL
t
hold DI
t
set DI
0.8 V
CC
0.7 V
CC
0.7 V
CC
0.2 V
CC
0.3 V
CC
0.3 V
CC
t
f in
CLK
t
r in
DO
(low to high)
DO
(high to low)
0.5 V
CC
t
r DO
t
f DO
t
d DO
CSN
t
f in
r in
t
DO
pull-up load to VCC
CL =100pF
en DO tri L
t
t
dis DO L tri
50%
0.8 V
CC
0.2 V
CC
50%
50%
DO
pull-down load to GND
CL =100pF
en DO tri H
t
t
dis DO H tri



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com