Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9949 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9949
Description  DOOR ACTUATOR DRIVER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9949 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9949 Datasheet HTML 6Page - STMicroelectronics L9949 Datasheet HTML 7Page - STMicroelectronics L9949 Datasheet HTML 8Page - STMicroelectronics L9949 Datasheet HTML 9Page - STMicroelectronics L9949 Datasheet HTML 10Page - STMicroelectronics L9949 Datasheet HTML 11Page - STMicroelectronics L9949 Datasheet HTML 12Page - STMicroelectronics L9949 Datasheet HTML 13Page - STMicroelectronics L9949 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
L9949
10/20
Figure 5. TYPICAL RON CHARACTERISTICS OUT6
ELECTRICAL CHARACTERISTCS
VS =8to 16 V, VCC = 4.5 to 5.5 V, Tj = -40 to 150 °C, unless otherwise specified. The voltages are refered to
GND and currents are assumed positive, when the current flows into the pin
.
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
OUTPUTS: OUT1 - OUT6
td ON H
Output Delay Time,
Highside Driver On
VS = 13,5 V
corresponding low side driver is
not active
20
40
80
µs
td OFF H
Output Delay Time,
Highside Driver Off
VS = 13,5 V
80
150
300
µs
td ON L
Output Delay Time,
Lowside Driver On
VS = 13,5 V
corresponding highside driver is
not active
20
40
80
µs
td OFF L
Output Delay Time,
Lowside Driver Off
VS = 13.5 V
80
150
300
µs
tD HL
Dead Time, Source to Sink
td ON L (HS was on) - td OFF H
5200
µs
tD LH
Dead Time, Sink to Source
td ON H (LS was on) - td OFF L
5200
µs
IQLH
Leakage Current Highside
Drivers of OUT1-6
VOUT1-6 = 0 V, standby mode
0
2
5
µA
VOUT1-6 = 0 V, active mode
-40
-15
0
µA
IQLL
Leakage Current Lowside Drivers
of OUT1-5
VOUT1-5 =VS, standby mode
0
7
20
µA
VOUT1-5 =VS, active mode
-40
-15
0
µA
-40
-20
0
20
40
60
80
100
120
0
10
20
30
40
50
60
70
80
90
100
110
HS 13.5V
HS 8V
TEMP [C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com