Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333ML Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA333ML Datasheet HTML 2Page - STMicroelectronics STA333ML Datasheet HTML 3Page - STMicroelectronics STA333ML Datasheet HTML 4Page - STMicroelectronics STA333ML Datasheet HTML 5Page - STMicroelectronics STA333ML Datasheet HTML 6Page - STMicroelectronics STA333ML Datasheet HTML 7Page - STMicroelectronics STA333ML Datasheet HTML 8Page - STMicroelectronics STA333ML Datasheet HTML 9Page - STMicroelectronics STA333ML Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Pin description
STA333ML
6/23
DocID13177 Rev 8
11
VCC1
Power
Power positive supply
12
GND1
Gnd
Power negative supply
13
OUT1A
Out
Output half-bridge 1A
14
GND_REG
Analog
Internal ground reference
15
VDD_REG
Analog
Internal 3.3 V reference voltage
16
CONFIG
In
Configuration mode, must be connected to ground
17
N.C.
-
Not connected
18
N.C.
-
Not connected
19
N.C.
-
Not connected
20
N.C.
-
Not connected
21
VDD_DIG
Power
Positive supply digital
22
GND_DIG
Gnd
Digital ground
23
PWRDN
In
Power-down:
0: low-power mode
1: normal operation
24
VDD_PLL
Power
Positive supply for PLL
25
FILTER_PLL
In
Connection to PLL filter
26
GND_PLL
Gnd
Negative supply for PLL
27
XTI
In
PLL input clock, 256 * fs or 384 * fs
28
BICKI
In
I2S serial clock
29
LRCKI
In
I2S left/right clock
30
SDI
In
I2S serial data channel
31
RESET
In
Reset
32
INT_LINE
Out
Fault interrupt
33
ONSEL
In
Oversampling selector:
0: 256 * fs
1: 384 * fs
34
GAIN
In
Gain selector:
0: 0 dBFs
1: 24 dBFs
35
GND_DIG
Gnd
Digital ground
36
VDD_DIG
Power
Digital supply
-EP
-
Exposed pad for PCB heatsink, to be connected to
ground plane
Table 2. Pin description (continued)
Pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com