Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333ML Datasheet(PDF) 15 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STA333ML Datasheet HTML 11Page - STMicroelectronics STA333ML Datasheet HTML 12Page - STMicroelectronics STA333ML Datasheet HTML 13Page - STMicroelectronics STA333ML Datasheet HTML 14Page - STMicroelectronics STA333ML Datasheet HTML 15Page - STMicroelectronics STA333ML Datasheet HTML 16Page - STMicroelectronics STA333ML Datasheet HTML 17Page - STMicroelectronics STA333ML Datasheet HTML 18Page - STMicroelectronics STA333ML Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
DocID13177 Rev 8
15/23
STA333ML
Applications
23
5.2
Internal voltage reference
An embedded voltage regulator produces the reference voltages for the DMOS bridge
driver. It requires two 100 nF capacitors to keep the regulator stable. The capacitors should
be place close to the pins.
Figure 9. Reference voltage block diagram
5.3
PLL filter schematic
It is recommended to use the below scheme and values for the PLL loop filter to achieve the
best performances from the device in general application. Please note that the ground of
this filter scheme has to be connected to the ground of the PLL without any resistive path.
Concerning the component values, please take into account that the greater the filter
bandwidth, the less the lock time, but the higher the PLL output jitter.
Figure 10. PLL application schematic
VCC_REG
VSS_REG
VDD_REG
GND_REG
100 nF
100 nF
Regulator
Input
I2S
Driver P
Driver N
level
shifter
interface
GND
VCC
C3
100n
C6
100n
C7
100n
C8
4.7n
R4
2.2K
C9
680p
GND_SUB
FMT
TEST_MODE
VSS
VCC_REG
OUT2B
GND2
VCC2
OUT2A
OUT1B
VCC1
GND1
OUT1A
GND_REG
VDD
GND_DIG
23 PWDN
24 VDD_PLL
25 FILTER_PLL
26 GND_PLL
27 XTI
28 BICLK
29 LRCLK
30 SDI
31 RESET
32 INT_LINE
33 ONSEL
34 GAIN
35 GND_DIG
36 VDD_DIG
U1
INT_LINE
MCLK
BICLK
LRCLK
SDI
+3.3V
+3.3V
OVERSAMPLING_SEL
GAIN_SEL
PWDN
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com