Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333ML Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA333ML Datasheet HTML 5Page - STMicroelectronics STA333ML Datasheet HTML 6Page - STMicroelectronics STA333ML Datasheet HTML 7Page - STMicroelectronics STA333ML Datasheet HTML 8Page - STMicroelectronics STA333ML Datasheet HTML 9Page - STMicroelectronics STA333ML Datasheet HTML 10Page - STMicroelectronics STA333ML Datasheet HTML 11Page - STMicroelectronics STA333ML Datasheet HTML 12Page - STMicroelectronics STA333ML Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
DocID13177 Rev 8
9/23
STA333ML
Electrical specifications
23
tf
Fall time
Resistive load Figure 4
-8
10
ns
Ivcc
Supply current from
VCC in power down
PWRDN = 0
0.03
0.06
0.2
mA
Supply current from
VCC in operation
PCM Input signal =
-60 dBFs.
Switching frequency =
384 kHz
No LC filters
-30
50
mA
Ivdd_dig
Supply current DDX
processing (reference
only)
Internal clock =
49.152 MHz
10
30
50
mA
Supply current in
standby
-8
11
25
mA
ISCP
short-circuit protection
Hi-Z output
2.7
3.8
5.0
A
UVL
Undervoltage
protection threshold
--
3.5
4.3
V
tmin
Output minimum pulse
width
No load
20
30
60
ns
DR
Dynamic range
-
-
100
-
dB
SNR
Signal-to-noise ratio
A-weighted
-
100
-
dB
THD+N
Total harmonic
distortion + noise
Po = 1 W, f = 1 kHz
-
0.05
0.2
%
PSRR
Power supply rejection
ratio
DDX stereo, <5 kHz
Vripple = 1 V RMS
Audio input = dither only
-80
-
dB
XTALK
Crosstalk
DDX stereo, <5 kHz
One chan. driven at 1 W
other channel measured
-80
-
dB
Peak efficiency, DDX
mode
Po = 2 x 20 W into
8
-90
-
%
fsw
PWM carrier frequency
switching
-
-
384
-
kHz
Table 7. Electrical specifications for power section (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com