Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333ML Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA333ML Datasheet HTML 10Page - STMicroelectronics STA333ML Datasheet HTML 11Page - STMicroelectronics STA333ML Datasheet HTML 12Page - STMicroelectronics STA333ML Datasheet HTML 13Page - STMicroelectronics STA333ML Datasheet HTML 14Page - STMicroelectronics STA333ML Datasheet HTML 15Page - STMicroelectronics STA333ML Datasheet HTML 16Page - STMicroelectronics STA333ML Datasheet HTML 17Page - STMicroelectronics STA333ML Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Figure 8. Application schematic
C1
100n
C2
100n
C3
100n
C4
100n
C6
100n
C7
100n
C8
4.7n
R4
2.2K
C9
680p
C10
47u
25V
C11
100n
C12
100n
C13
1u
50V
C14
1u
50V
C16
100n
C17
100n
R6
6.2
C18
100n
C19
100n
R7
6.2
C20
470n
C21
330p
R8
22
C22
100n
C23
100n
R9
6.2
C24
100n
C25
100n
R10
6.2
C26
470n
1
GND_SUB
2
FMT
3
TEST_MODE
4
VSS
5
VCC_REG
6
OUT2B
7
GND2
8
VCC2
9
OUT2A
10
OUT1B
11
VCC1
12
GND1
13
OUT1A
14
GND_REG
15
VDD
16
CONFIG
17
N.C.
18
N.C.
19 N.C.
20 N.C.
21 VDD_DIG
22 GND_DIG
23 PWDN
24 VDD_PLL
25 FILTER_PLL
26 GND_PLL
27 XTI
28 BICLK
29 LRCLK
30 SDI
31 RESET
32 INT_LINE
33 ONSEL
34 GAIN
35 GND_DIG
36 VDD_DIG
U1
STA333ML
C27
10n
C28
10n
C29
10n
C30
10n
C31
10n
C32
10n
L1
22uH
L2
22uH
J1-1
J1-2
J1-3
J1-4
L3
22uH
L4
22uH
C15
330p
R5
22
INT_LINE
MCLK
BICLK
LRCLK
SDI
+3.3V
+3.3V
VCC
+3.3V
OVERSAMPLING_SEL
GAIN_SEL
PWDN
RESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com