Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA333ML Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA333ML
Description  2-channel microless high-efficiency digital audio system Sound Terminal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA333ML Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA333ML Datasheet HTML 4Page - STMicroelectronics STA333ML Datasheet HTML 5Page - STMicroelectronics STA333ML Datasheet HTML 6Page - STMicroelectronics STA333ML Datasheet HTML 7Page - STMicroelectronics STA333ML Datasheet HTML 8Page - STMicroelectronics STA333ML Datasheet HTML 9Page - STMicroelectronics STA333ML Datasheet HTML 10Page - STMicroelectronics STA333ML Datasheet HTML 11Page - STMicroelectronics STA333ML Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Electrical specifications
STA333ML
8/23
DocID13177 Rev 8
3.4
Electrical specifications - digital section
3.5
Electrical specifications - power section
The specifications given here are with the operating conditions: VCC = 18 V, VDD = 3.3 V,
fsw = 384 kHz, Tamb = 25 °C, RL =8  unless otherwise specified
Table 6. Electrical specifications for digital section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Iil
Input current without bias
device
Vi = 0 V
-10
-
10
µA
Iih
Vi = VDD = 3.6 V
-10
-
10
µA
Vil
Low-level input voltage
-
-
-
0.2 *
VDD
V
Vih
High-level input voltage
-
0.8 *
VDD
--
V
Vol
Low-level output voltage
Iol = 2 mA
-
-
0.4 *
VDD
V
Voh
High-level output voltage
Ioh = 2 mA
0.8 *
VDD
--
V
Ipu
Pull-up/down current
-
-25
66
125
µA
Rpu
Equivalent pull-up/down
resistance
--
50
-
k
Table 7. Electrical specifications for power section
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Po
Output power BTL
THD = 1%
-
16
-
W
THD = 10%
-
20
-
RdsON
On resistance of power
P-channel/N-channel
MOSFET (total bridge)
ld = 1 A
-
180
250
m
ldss
Power
P-channel/N-channel
leakage current
--
-
10
A
gP
Power P-channel
RdsON matching
ld = 1 A
95
-
-
%
gN
Power N-channel
RdsON matching
ld = 1 A
95
-
-
%
ILDT
Low current dead time
(static)
Resistive load Figure 4
-5
10
ns
IHDT
High current dead time
(dynamic)
Load = 1.5 A (Figure 5)
-
10
20
ns
tr
Rise time
Resistive load Figure 4
-8
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com