Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610SP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN610SP
Description  Single channel high-side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP Datasheet(HTML) 5 Page - STMicroelectronics

  VN610SP Datasheet HTML 1Page - STMicroelectronics VN610SP Datasheet HTML 2Page - STMicroelectronics VN610SP Datasheet HTML 3Page - STMicroelectronics VN610SP Datasheet HTML 4Page - STMicroelectronics VN610SP Datasheet HTML 5Page - STMicroelectronics VN610SP Datasheet HTML 6Page - STMicroelectronics VN610SP Datasheet HTML 7Page - STMicroelectronics VN610SP Datasheet HTML 8Page - STMicroelectronics VN610SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
VN610SP
Block diagram and pin description
Doc ID 6236
Rev 5
5/26
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Current sense
N.C.
Output
Input
Floating
X
X
X
To ground
Through 1K
Ω
resistor
X
Through 10K
Ω
resistor
LOGIC
UNDERVOLTAGE
OVERVOLTAGE
OVERTEMP.
ILIM
PwCLAMP
K
IOUT
GND
INPUT
VCC
OUTPUT
CURRENT
SENSE
DRIVER
VCC
CLAMP
VDSLIM
1
2
3
4
5
6
7
8
9
10
11
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
GROUND
INPUT
C. SENSE
N.C.
N.C.
VCC
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com