Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610SP Datasheet(PDF) 9 Page - STMicroelectronics

Part # VN610SP
Description  Single channel high-side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VN610SP Datasheet HTML 5Page - STMicroelectronics VN610SP Datasheet HTML 6Page - STMicroelectronics VN610SP Datasheet HTML 7Page - STMicroelectronics VN610SP Datasheet HTML 8Page - STMicroelectronics VN610SP Datasheet HTML 9Page - STMicroelectronics VN610SP Datasheet HTML 10Page - STMicroelectronics VN610SP Datasheet HTML 11Page - STMicroelectronics VN610SP Datasheet HTML 12Page - STMicroelectronics VN610SP Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
VN610SP
Electrical specifications
Doc ID 6236
Rev 5
9/26
Table 8.
Current sense (9V
≤ VCC ≤ 16V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K1
IOUT/ISENSE
IOUT = 1.5A; VSENSE = 0.5V;
Tj = -40°C...150°C
3300
4400
6000
dK1/K1
Current sense
ratio drift
IOUT = 1.5A; VSENSE = 0.5V;
Tj= - 40°C...150°C
-10
+10
%
K2
IOUT/ISENSE
IOUT = 15A; VSENSE = 4V;
Tj = - 40°C
Tj= 25°C...150°C
4200
4400
4900
4900
6000
5750
dK2/K2
Current sense
ratio drift
IOUT = 15A; VSENSE = 4V;
Tj = -40°C...150°C
-6
+6
%
K3
IOUT/ISENSE
IOUT = 45A; VSENSE = 4V;
Tj = -40°C
Tj = 25°C...150°C
4200
4400
4900
4900
5500
5250
dK3/K3
Current sense
ratio drift
IOUT = 45A; VSENSE = 4V;
Tj = -40°C...150°C
-6
+6
%
ISENSE0
Analog sense
current
VCC = 6...16V; IOUT = 0A;
VSENSE = 0V;
Tj = -40°C...150°C
Off-state; VIN = 0V
On-state; VIN = 5V
0
0
5
10
µA
µA
VSENSE
Max analog
sense output
voltage
VCC = 5.5V; IOUT = 7.5A;
RSENSE = 10kΩ
VCC > 8V, IOUT = 15A;
RSENSE = 10kΩ
3.5
5
V
V
VSENSEH
Analog sense
output voltage in
over-temperature
condition
VCC = 13V; RSENSE = 3.9kΩ
5.5
V
RVSENSEH
Analog sense
output
impedance in
over-temperature
condition
VCC = 13V; Tj > TTSD;
all channels open
400
Ω
tDSENSE
Current sense
delay response
To 90% ISENSE
(1)
1.
Current sense signal delay after positive input slope.
500
µs
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com