Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610SP Datasheet(PDF) 10 Page - STMicroelectronics

Part # VN610SP
Description  Single channel high-side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VN610SP Datasheet HTML 6Page - STMicroelectronics VN610SP Datasheet HTML 7Page - STMicroelectronics VN610SP Datasheet HTML 8Page - STMicroelectronics VN610SP Datasheet HTML 9Page - STMicroelectronics VN610SP Datasheet HTML 10Page - STMicroelectronics VN610SP Datasheet HTML 11Page - STMicroelectronics VN610SP Datasheet HTML 12Page - STMicroelectronics VN610SP Datasheet HTML 13Page - STMicroelectronics VN610SP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical specifications
VN610SP
10/26
Doc ID 6236
Rev 5
Table 9.
Logic inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VIL
Input low level voltage
1.25
V
IIL
Low level input current
VIN = 1.25V
1
µA
VIH
Input high level voltage
3.25
V
IIH
High level input current
VIN = 3.25V
10
µA
VI(hyst)
Input hysteresis voltage
0.5
V
VICL
Input clamp voltage
IIN = 1mA
IIN = - 1mA
66.8
- 0.7
8V
V
Table 10.
Switching (VCC = 13V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
Turn-on delay time
RL= 0.87Ω (see Figure 4.)30
µs
td(off)
Turn-on delay time
RL = 0.87Ω (see Figure 4.)30
µs
(dVOUT/dt)on Turn-on voltage slope RL = 0.87Ω (see Figure 4.)
See
Figure 10.
V
/µs
(dVOUT/dt)off Turn-off voltage slope RL = 0.87Ω (see Figure 4.)
See
Figure 12.
V
/µs
Table 11.
Truth table
Conditions
Input
Output
Sense
Normal operation
L
H
L
H
0
Nominal
Over-temperature
L
H
L
L
0
VSENSEH
Under-voltage
L
H
L
L
0
0
Over-voltage
L
H
L
L
0
0
Short circuit to GND
L
H
H
L
L
L
0
(Tj<TTSD) 0
(Tj>TTSD) VSENSEH
Short circuit to VCC
L
H
H
H
0
< Nominal
Negative output voltage clamp
L
L
0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com