Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610SP Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN610SP
Description  Single channel high-side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP Datasheet(HTML) 1 Page - STMicroelectronics

  VN610SP Datasheet HTML 1Page - STMicroelectronics VN610SP Datasheet HTML 2Page - STMicroelectronics VN610SP Datasheet HTML 3Page - STMicroelectronics VN610SP Datasheet HTML 4Page - STMicroelectronics VN610SP Datasheet HTML 5Page - STMicroelectronics VN610SP Datasheet HTML 6Page - STMicroelectronics VN610SP Datasheet HTML 7Page - STMicroelectronics VN610SP Datasheet HTML 8Page - STMicroelectronics VN610SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
September 2013
Doc ID 6236 Rev
5
1/26
1
VN610SP
Single channel high-side solid state relay
Features
■ Output current: 45A
■ CMOS compatible inputs
■ Proportional load current sense
■ Under-voltage and over-voltage shutdown
■ Over-voltage clamp
■ Thermal shutdown
■ Current limitation
■ Very low standby power consumption
■ Protection against loss of ground and loss of
VCC
■ Reverse battery protected
Description
The VN610SP is a monolithic device made using
STMicroelectronics VIPower M0-3 technology. It
is intended for driving resistive or inductive loads
with one side connected to ground.
Active VCC pin voltage clamp protects the device
against low energy spikes (see ISO7637 transient
compatibility table). This device integrates an
analog current sense which delivers a current
proportional to the load current (according to a
known ratio).
Active current limitation combined with thermal
shutdown and automatic restart protect the device
against over-load. Device automatically turns off
in case of ground pin disconnection.
Type
RDS(on)
IOUT
VCC
VN610SP
10m
Ω(1)
1.
Per each channel.
45A(1)
36V
PowerSO-10
1
10
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
PowerSO-10
VN610SP
VN610SP13TR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - VN610SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Sep-1999
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
186Kb / 18P
SINGLE CHANNEL HIGH SIDE DRIVER
Oct-2004
VN610SP-E STMICROELECTRONICS-VN610SP-E Datasheet
311Kb / 27P
Single channel high-side driver
19-Sep-2013
VN610SP-E STMICROELECTRONICS-VN610SP-E_V01 Datasheet
311Kb / 27P
Single channel high-side driver
19-Sep-2013
VN610SP.E STMICROELECTRONICS-VN610SP.E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Similar Description - VN610SP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Sep-1999
VN920 STMICROELECTRONICS-VN920 Datasheet
370Kb / 25P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Rev. 2
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VN920PEP STMICROELECTRONICS-VN920PEP Datasheet
181Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2004
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
May-2003
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
Single-channel high-side solid state relay
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com