Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN610SP Datasheet(PDF) 8 Page - STMicroelectronics

Part # VN610SP
Description  Single channel high-side solid state relay
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN610SP Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VN610SP Datasheet HTML 4Page - STMicroelectronics VN610SP Datasheet HTML 5Page - STMicroelectronics VN610SP Datasheet HTML 6Page - STMicroelectronics VN610SP Datasheet HTML 7Page - STMicroelectronics VN610SP Datasheet HTML 8Page - STMicroelectronics VN610SP Datasheet HTML 9Page - STMicroelectronics VN610SP Datasheet HTML 10Page - STMicroelectronics VN610SP Datasheet HTML 11Page - STMicroelectronics VN610SP Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Electrical specifications
VN610SP
8/26
Doc ID 6236
Rev 5
Note:
To ensure long term reliability under heavy over-load or short circuit conditions, protection
and related diagnostic signals must be used together with a proper software strategy. If the
device is subjected to abnormal conditions, this software must limit the duration and number
of activation cycles.
IL(off2)
Off-state output current
VIN = 0V; VOUT = 3.5V
-75
0
µA
IL(off3)
Off-state output current
VIN = VOUT=0V; VCC=13V;
Tj =125°C
5µA
IL(off4)
Off-state output current
VIN =VOUT = 0V; VCC = 13V;
Tj = 25°C
3µA
1.
Vclamp and VOV are correlated. Typical difference is 5V.
Table 6.
Protections
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
Ilim
DC short circuit current
VCC = 13V
5.5V < VCC < 36V
45
75
120
120
A
A
TTSD
Thermal shutdown
temperature
150
175
200
°C
TR
Thermal reset
temperature
135
°C
THYST
Thermal hysteresis
7
15
°C
Vdemag
Turn-off output voltage
clamp
IOUT = 2A; VIN = 0V; L = 6mH
VCC-
41
VCC-
48
VCC-
55
V
VON
Output voltage drop
limitation
IOUT = 1.5A
Tj = -40°C...+150°C
50
mV
Table 5.
Power (continued)
Symbol
Parameter
Test conditions
Min. Typ. Max. Unit
Table 7.
VCC - output diode
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
VF
Forward on voltage
- IOUT = 8A; Tj = 150°C
0.6
V
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com