Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 16 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 16 Page - Texas Instruments

Back Button SNLS065D Datasheet HTML 12Page - Texas Instruments SNLS065D Datasheet HTML 13Page - Texas Instruments SNLS065D Datasheet HTML 14Page - Texas Instruments SNLS065D Datasheet HTML 15Page - Texas Instruments SNLS065D Datasheet HTML 16Page - Texas Instruments SNLS065D Datasheet HTML 17Page - Texas Instruments SNLS065D Datasheet HTML 18Page - Texas Instruments SNLS065D Datasheet HTML 19Page - Texas Instruments SNLS065D Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Applications Information
HOW TO CONFIGURE THE DS90C387A AND
DS90CF388A FOR MOST COMMON APPLICATION
1. To configure for single input pixel-to-dual pixel output
application, the DS90C387 “DUAL” pin must be set to 1/2
Vcc=1.65V. This may be implemented using pull-up and
pull-down resistors of 10k
Ω. In this configuration, the input
signals (single pixel) are split into odd and even pixel (dual
pixels) starting with the odd (first) pixel outputs A0-to-A3 the
next even (second) pixel outputs to A4-to-A7. The splitting of
the data signal also starts with DE (data enable) transitioning
from logic low to high indicating active data. The "R_FDE"
pin must be set high in this case. The number of clock cycles
during blanking must be an EVEN number. This configura-
tion will allow the user to interface to an LDI receiver
(DS90CF388A) or to two FPD-Link ’notebook’ receivers
(DS90CF384A or DS90CF386).
2. To configure for single pixel or dual pixel application using
the DS90C387A/DS90CF388A, the “DUAL” pin must be set
to Vcc (dual) or Gnd (single). In dual mode, the transmitter-
DS90C387A has two LVDS clock outputs enabling an inter-
face to two FPD-Link ’notebook’ receivers (DS90CF384A or
DS90CF386). In single mode, outputs A4-to-A7 and CLK2
are disabled which reduces power dissipation.
The DS90CF388A is able to support single or dual pixel
interface up to 112MHz operating frequency. This receiver
may also be used to interface to a VGA controller with an
integrated LVDS transmitter.
TRANSMITTER FEATURES
The transmitter is designed to reject cycle-to-cycle jitter
which may be seen at the transmitter input clock. Very low
cycle-to-cycle jitter is passed on to the transmitter outputs.
This significantly reduces the impact of jitter provided by the
input clock source, and improves the accuracy of data sam-
pling.
The transmitter is offered with programmable edge data
strobes for convenient interface with a variety of graphics
controllers. The transmitter can be programmed for rising
edge strobe or falling edge strobe through a dedicated pin. A
rising edge transmitter will inter-operate with a falling edge
receiver without any translation logic.
PRE-EMPHASIS
Pre-Emphasis adds extra current during LVDS logic transi-
tion to reduce the cable loading effects. Pre-emphasis
strength is set via a DC voltage level applied from min to max
(0.75V to Vcc) at the “PRE” pin. A higher input voltage on the
”PRE” pin increases the magnitude of dynamic current dur-
ing data transition. The “PRE” pin requires one pull-up resis-
tor (Rpre) to Vcc in order to set the DC level. There is an
internal resistor network, which cause a voltage drop. Please
refer to the tables below to set the voltage level.
TABLE 1. Pre-Emphasis DC Voltage Level With (Rpre)
Rpre
Resulting PRE Voltage
Effects
1M
Ω or NC
0.75V
Standard LVDS
50k
Ω
1.0V
9k
Ω
1.5V
50% pre-emphasis
3k
Ω
2.0V
1k
Ω
2.6V
100
Ω
Vcc
100% pre-emphasis
TABLE 2. Pre-Emphasis Needed Per Cable Length
Frequency
PRE Voltage
Typical cable length
112MHz
1.0V
2 meters
112MHz
1.5V
5 meters
80MHz
1.0V
2 meters
80MHz
1.2V
7 meters
65MHz
1.5V
10 meters
56MHz
1.0V
10 meters
Note 12: This is based on testing with standard shield twisted pair cable. The amount of pre-emphasis will vary depending on the type of cable, length and operating
frequency.
RSKM - RECEIVER SKEW MARGIN
RSKM is a chipset parameter and is explained in AN-1059 in
detail. It is the difference between the transmitter’s pulse
position and the receiver’s strobe window. RSKM must be
greater than the summation of: Interconnect skew, LVDS
Source Clock Jitter (TJCC), and ISI (if any). See Figure 12.
Interconnect skew includes PCB traces differences, connec-
tor skew and cable skew for a cable application. PCB trace
and connector skew can be compensated for in the design of
the system. Cable skew is media type and length dependant.
POWER DOWN
Both transmitter and receiver provide a power down feature.
When asserted current draw through the supply pins is
minimized and the PLLs are shut down. The transmitter
outputs are in TRI-STATE when in power down mode. The
receiver outputs are forced to a active LOW state when in
the power down mode. (See Pin Description Tables). The PD
pin should be driven HIGH to enable the device once V
CC is
stable.
www.national.com
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com