Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 4 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 4 Page - Texas Instruments

  SNLS065D Datasheet HTML 1Page - Texas Instruments SNLS065D Datasheet HTML 2Page - Texas Instruments SNLS065D Datasheet HTML 3Page - Texas Instruments SNLS065D Datasheet HTML 4Page - Texas Instruments SNLS065D Datasheet HTML 5Page - Texas Instruments SNLS065D Datasheet HTML 6Page - Texas Instruments SNLS065D Datasheet HTML 7Page - Texas Instruments SNLS065D Datasheet HTML 8Page - Texas Instruments SNLS065D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
CMOS/TTL Input Voltage
−0.3V to +5.5V
CMOS/TTL Output
Voltage
−0.3V to (V
CC + 0.3V)
LVDS Receiver Input
Voltage
−0.3V to +3.6V
LVDS Driver Output
Voltage
−0.3V to +3.6V
LVDS Output Short
Circuit
Duration
Continuous
Junction Temperature
+150˚C
Storage Temperature
−65˚C to +150˚C
Lead Temperature
(Soldering, 4 sec.)
+260˚C
Maximum Package Power Dissipation Capacity @ 25˚C
100 TQFP Package:
DS90C387A
2.8W
DS90CF388A
2.8W
Package Derating:
DS90C387 A
18.2mW/˚C above +25˚C
DS90CF388 A
18.2mW/˚C above +25˚C
ESD Rating:
DS90C387A
(HBM, 1.5k
Ω, 100pF)
> 6kV
(EIAJ, 0
Ω, 200pF)
> 300 V
DS90CF388A
(HBM, 1.5k
Ω, 100pF)
> 2kV
(EIAJ, 0
Ω, 200pF)
> 200 V
Recommended Operating
Conditions
Min
Nom
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−10
+25
+70
˚C
Receiver Input Range
0
2.4
V
Supply Noise Voltage (V
CC)
100
mV
p-p
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS/TTL DC SPECIFICATIONS (Tx inputs, Rx outputs, control inputs and outputs)
V
IH
High Level Input Voltage
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
OH
High Level Output Voltage
I
OH = −0.4 mA
2.7
2.9
V
I
OH = −2 mA
2.7
2.85
V
V
OL
Low Level Output Voltage
I
OL = 2 mA
0.1
0.3
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.79
−1.5
V
I
IN
Input Current
V
IN = 0.4V, 2.5V or VCC
+1.8
+15
µA
V
IN = GND
−15
0
µA
I
OS
Output Short Circuit Current
V
OUT = 0V
−120
mA
LVDS DRIVER DC SPECIFICATIONS
V
OD
Differential Output Voltage
R
L = 100
Ω
250
345
450
mV
∆V
OD
Change in V
OD between
Complimentary Output States
35
mV
V
OS
Offset Voltage
1.125
1.25
1.375
V
∆V
OS
Change in V
OS between
Complimentary Output States
35
mV
I
OS
Output Short Circuit Current
V
OUT = 0V, RL = 100
Ω
−3.5
−10
mA
I
OZ
Output TRI-STATE® Current
PD = 0V, V
OUT =0VorVCC
±1
±10
µA
LVDS RECEIVER DC SPECIFICATIONS
V
TH
Differential Input High Threshold
V
CM = +1.2V
+100
mV
V
TL
Differential Input Low Threshold
−100
mV
I
IN
Input Current
V
IN = +2.4V, VCC = 3.6V
±10
µA
V
IN = 0V, VCC = 3.6V
±10
µA
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com