Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 13 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 13 Page - Texas Instruments

Back Button SNLS065D Datasheet HTML 9Page - Texas Instruments SNLS065D Datasheet HTML 10Page - Texas Instruments SNLS065D Datasheet HTML 11Page - Texas Instruments SNLS065D Datasheet HTML 12Page - Texas Instruments SNLS065D Datasheet HTML 13Page - Texas Instruments SNLS065D Datasheet HTML 14Page - Texas Instruments SNLS065D Datasheet HTML 15Page - Texas Instruments SNLS065D Datasheet HTML 16Page - Texas Instruments SNLS065D Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
DS90C387A Pin Descriptions — FPD Link Transmitter
Pin Name
I/O
No.
Description
Rn, Gn, Bn,
DE, HSYNC,
VSYNC
I
51
TTL level input. This includes: 16 Red, 16 Green, 16 Blue, and 3 control
lines HSYNC, VSYNC, DE (Data Enable).(Note 10)
AnP
O
8
Positive LVDS differential data output.
AnM
O
8
Negative LVDS differential data output.
CLKIN
I
1
TTL level clock input.
R_FB
I
1
Programmable data strobe select. Rising data strobe edge selected when
input is high. (Note 10)
R_FDE
I
1
Programmable control (DE) strobe select. Tied high for data active when DE
is high. (Note 10)
CLK1P
O
1
Positive LVDS differential clock output.
CLK1M
O
1
Negative LVDS differential clock output.
PD
I
1
TTL level input. Assertion (low input) tri-states the outputs, ensuring low
current at power down. (Note 10)
PLLSEL
I
1
PLL range select. This pin must be tied to V
CC for auto-range. NC or tied to
Ground is reserved for future use. Typical shift point is between 55 and 68
MHz. (Notes 10, 11)
PRE
I
1
Pre-emphasis level select. Pre-emphasis is active when input is tied to V
CC
through external pull-up resistor. Resistor value determines pre-emphasis
level (see table in application section). For normal LVDS drive level (No
pre-emphasis) leave this pin open (do not tie to ground).(Note 10)
DUAL
I
1
Three-mode select for dual pixel, single pixel, or single pixel input to dual
pixel output operation. Single pixel mode when input is low (only LVDS
channels A0 thru A3 and CLK1 are active) for power savings. Dual mode is
active when input is high. Single in - dual out when input is at 1/2 Vcc. (Note
10)
V
CC
I
4
Power supply pins for TTL inputs and digital circuitry.
GND
I
6
Ground pins for TTL inputs and digital circuitry.
PLLV
CC
I
2
Power supply pin for PLL circuitry.
PLLGND
I
3
Ground pins for PLL circuitry.
LVDSV
CC
I
3
Power supply pin for LVDS outputs.
LVDSGND
I
4
Ground pins for LVDS outputs.
CLK2P/NC
O
1
Additional positive LVDS differential clock output. Identical to CLK1P. No
connect if not used.
CLK2M/NC
O
1
Additional negative LVDS differential clock output. Identical to CLK1M. No
connect if not used.
Note 10: Inputs default to “low” when left open due to internal pull-down resistor.
Note 11: The PLL range shift point is in the 55 - 68 MHz range, typically the shift will occur during the lock time.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com