Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 6 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 6 Page - Texas Instruments

Back Button SNLS065D Datasheet HTML 2Page - Texas Instruments SNLS065D Datasheet HTML 3Page - Texas Instruments SNLS065D Datasheet HTML 4Page - Texas Instruments SNLS065D Datasheet HTML 5Page - Texas Instruments SNLS065D Datasheet HTML 6Page - Texas Instruments SNLS065D Datasheet HTML 7Page - Texas Instruments SNLS065D Datasheet HTML 8Page - Texas Instruments SNLS065D Datasheet HTML 9Page - Texas Instruments SNLS065D Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Recommended Transmitter Input Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
TCIT
TxCLK IN Transition Time (Figure 5)
DUAL=Gnd or Vcc
1.0
2.0
3.0
ns
DUAL=1/2Vcc
1.0
1.5
1.7
ns
TCIP
TxCLK IN Period (Figure 6)
DUAL=Gnd or Vcc
8.928
T
30.77
ns
DUAL=1/2Vcc
5.88
15.38
ns
TCIH
TxCLK in High Time (Figure 6)
0.35T
0.5T
0.65T
ns
TCIL
TxCLK in Low Time (Figure 6)
0.35T
0.5T
0.65T
ns
TXIT
TxIN Transition Time
1.5
6.0
ns
Transmitter Switching Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Units
LLHT
LVDS Low-to-High Transition Time (Figure 3), PRE = 0.75V
(disabled)
0.14
0.7
ns
LVDS Low-to-High Transition Time (Figure 3), PRE = Vcc (max)
0.11
0.6
ns
LHLT
LVDS High-to-Low Transition Time (Figure 3), PRE = 0.75V
(disabled)
0.16
0.8
ns
LVDS High-to-Low Transition Time (Figure 3), PRE = Vcc (max)
0.11
0.7
ns
TBIT
Transmitter Output Bit Width
DUAL=Gnd or Vcc
1/7 TCIP
ns
DUAL=1/2Vcc
2/7 TCIP
ns
TPPOS
Transmitter Pulse Positions - Normalized
f = 33 to 70 MHz
−250
0
+250
ps
f = 70 to 112 MHz
−200
0
+200
ps
TCCS
TxOUT Channel to Channel Skew
100
ps
TSTC
TxIN Setup to TxCLK IN (Figure 6)
2.7
ns
THTC
TxIN Hold to TxCLK IN (Figure 6)0
ns
TJCC
Transmitter Jitter Cycle-to-cycle (Figures
13, 14) (Note 5), DUAL=Vcc
f = 112 MHz
85
100
ps
f = 85 MHz
60
75
ps
f = 65 MHz
70
80
ps
f = 56 MHz
100
120
ps
f = 32.5 MHz
75
110
ps
TPLLS
Transmitter Phase Lock Loop Set (Figure 8)10
ms
TPDD
Transmitter Powerdown Delay (Figure 10)
100
ns
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com