Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNLS065D Datasheet(PDF) 2 Page - Texas Instruments

Part # SNLS065D
Description  DS90C387A/DS90CF388A Dual Pixel LVDS Display Interface / FPD-Link
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SNLS065D Datasheet(HTML) 2 Page - Texas Instruments

  SNLS065D Datasheet HTML 1Page - Texas Instruments SNLS065D Datasheet HTML 2Page - Texas Instruments SNLS065D Datasheet HTML 3Page - Texas Instruments SNLS065D Datasheet HTML 4Page - Texas Instruments SNLS065D Datasheet HTML 5Page - Texas Instruments SNLS065D Datasheet HTML 6Page - Texas Instruments SNLS065D Datasheet HTML 7Page - Texas Instruments SNLS065D Datasheet HTML 8Page - Texas Instruments SNLS065D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
DS90C387A/DS90CF388A
Dual Pixel LVDS Display Interface / FPD-Link
General Description
The DS90C387A/DS90CF388A transmitter/receiver pair is
designed to support dual pixel data transmission between
Host and Flat Panel Display up to QXGA resolutions. The
transmitter converts 48 bits (Dual Pixel 24-bit color) of
CMOS/TTL data and 3 control bits into 8 LVDS (Low Voltage
Differential Signalling) data streams. At a maximum dual
pixel rate of 112MHz, LVDS data line speed is 784Mbps,
providing a total throughput of 5.7Gbps (714 Megabytes per
second).
The LDI chipset is improved over prior generations of FPD-
Link devices and offers higher bandwidth support and longer
cable drive. To increase bandwidth, the maximum pixel clock
rate is increased to 112 MHz and 8 serialized LVDS outputs
are provided. Cable drive is enhanced with a user selectable
pre-emphasis feature that provides additional output current
during transitions to counteract cable loading effects.
The DS90C387A transmitter provides a second LVDS output
clock. Both LVDS clocks are identical. This feature supports
backward compatibility with the previous generation of FPD-
Link Receivers - the second clock allows the transmitter to
interface to panels using a ’dual pixel’ configuration of two
24-bit or 18-bit FPD-Link receivers.
This chipset is an ideal means to solve EMI and cable size
problems for high-resolution flat panel applications. It pro-
vides a reliable interface based on LVDS technology that
delivers the bandwidth needed for high-resolution panels
while maximizing bit times, and keeping clock rates low to
reduce EMI and shielding requirements. For more details,
please refer to the “Applications Information” section of this
datasheet.
Features
n
Supports SVGA through QXGA panel resolutions
n
32.5 to 112/170MHz clock support
n
Drives long, low cost cables
n
Up to 5.7 Gbps bandwidth
n
Pre-emphasis reduces cable loading effects
n
Dual pixel architecture supports interface to GUI and
timing controller; optional single pixel transmitter inputs
support single pixel GUI interface
n
Transmitter rejects cycle-to-cycle jitter
n
5V tolerant on data and control input pins
n
Programmable transmitter data and control strobe select
(rising or falling edge strobe)
n
Backward compatible with FPD-Link
n
Compatible with ANSI/TIA/EIA-644-1995 LVDS Standard
Generalized Transmitter Block Diagram
10132002
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
February 2006
© 2006 National Semiconductor Corporation
DS101320
www.national.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com