Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 8 Page - STMicroelectronics

Part # L4979MD
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4979MD Datasheet HTML 4Page - STMicroelectronics L4979MD Datasheet HTML 5Page - STMicroelectronics L4979MD Datasheet HTML 6Page - STMicroelectronics L4979MD Datasheet HTML 7Page - STMicroelectronics L4979MD Datasheet HTML 8Page - STMicroelectronics L4979MD Datasheet HTML 9Page - STMicroelectronics L4979MD Datasheet HTML 10Page - STMicroelectronics L4979MD Datasheet HTML 11Page - STMicroelectronics L4979MD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
Electrical specifications
L4979D-E, L4979MD
8/22
DS3717 Rev 12
2.2
Electrical characteristics
Vs = 5.6 V to 31 V; Tj = -40 °C to 150 °C, unless otherwise specified.
Table 5. General
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vs, Vo
Iq
Quiescent current
Vs = 13.5 V, Io = 150 mA,
enable high all
I/O currents = 0
1.5
3
mA
Vs, Vo
Iq
Quiescent current
Vs = 13.5 V, Io = 0 mA,
enable high all
I/O currents = 0
100
200
µA
Vs, Vo
Iq
Quiescent current
Vs = 13.5 V, Io = 0 mA,
enable low all
I/O currents = 0
6
20
µA
Tw
Thermal protection
temperature
150
190
°C
Tw_hy
Thermal protection
temperature
hysteresis
10
°C
Table 6. Voltage regulator
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Vo
Vo_ref Output voltage
Vs = 5.6 to 31 V;
Io = 1 to 150 mA
4.90
5.00
5.10
V
Vo
Ishort
Output short -ircuit
current(1)
1. See Figure 3: Behavior of output current versus regulated voltage V
o.
Vs = 13.5 V
150
280
400
mA
Vo
Ilim
Output current
limitation(1)
Vs = 13.5 V
150
320
500
mA
Vs, Vo
Vline
Line regulation voltage
Vs = 5.6 to 31 V
Io = 1 to 150 mA
25
mV
Vo
Vload
Load regulation voltage Io = 1 to 150 mA
25
mV
Vs, Vo
Vdp
Drop voltage
Io = 150 mA
200
400
mV
Vs, Vo
SVR
Ripple rejection(2)
2. Guaranteed by design.
fr = 100 Hz
55
dB
Table 7. Reset
Pin
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Res
Vres_l
Reset output low
voltage
Rext = 5 k to Vo;
Vo > 1 V
0.4
V
Res
Ires_h
Reset output high
leakage current
Vres = 5 V
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com