Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 12 Page - STMicroelectronics

Part # L4979MD
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 12 Page - STMicroelectronics

Back Button L4979MD Datasheet HTML 8Page - STMicroelectronics L4979MD Datasheet HTML 9Page - STMicroelectronics L4979MD Datasheet HTML 10Page - STMicroelectronics L4979MD Datasheet HTML 11Page - STMicroelectronics L4979MD Datasheet HTML 12Page - STMicroelectronics L4979MD Datasheet HTML 13Page - STMicroelectronics L4979MD Datasheet HTML 14Page - STMicroelectronics L4979MD Datasheet HTML 15Page - STMicroelectronics L4979MD Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
Application information
L4979D-E, L4979MD
12/22
DS3717 Rev 12
Table 10. Reset time diagram
3.3
Watchdog
The watchdog input Wi monitors a connected microcontroller. If pulses are missing, the
reset output Res is set to low. The pulse sequence time can be set within a wide range
through the external capacitor Ctw. The watchdog circuit discharges the capacitor Ctw with
the constant current Icwd. If the lower threshold Vwlth is reached, a watchdog reset is
generated. To prevent this reset, the microcontroller must generate a positive edge during
the discharge of the capacitor before the voltage has reached the threshold Vwlth. In order to
calculate the minimum time Tdis during which the microcontroller must generate the positive
edge, the following equation can be used:
Each Wi positive edge switches the current source from discharging to charging; the same
happens when the lower Vwlth threshold is reached. When the voltage reaches the upper
threshold Vwhth the current switches from charging to discharging. The result is a saw tooth
voltage at the watchdog timer capacitor Ctw.
Figure 4. Watchdog time diagram
trr
< trr
tr d = 512 T osc
Tosc
Vrhth
Vrlt h
Res
Vcr
Vo
Wi
Vout_th
GAPGCFT00204
Vwhth Vwlth
–
 C
tw
Icwd Tdis
=
Res
Vcw
Wi
Vwlth
Vwhth
twol
Twop
Tdis
GAPGCFT00205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com