Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4979MD Datasheet(PDF) 15 Page - STMicroelectronics

Part # L4979MD
Description  Automotive low dropout voltage regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4979MD Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L4979MD Datasheet HTML 11Page - STMicroelectronics L4979MD Datasheet HTML 12Page - STMicroelectronics L4979MD Datasheet HTML 13Page - STMicroelectronics L4979MD Datasheet HTML 14Page - STMicroelectronics L4979MD Datasheet HTML 15Page - STMicroelectronics L4979MD Datasheet HTML 16Page - STMicroelectronics L4979MD Datasheet HTML 17Page - STMicroelectronics L4979MD Datasheet HTML 18Page - STMicroelectronics L4979MD Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
DS3717 Rev 12
15/22
L4979D-E, L4979MD
Package and PCB thermal data
21
4.2
SO-20 thermal data
Figure 9. SO-20 PC board
Note:
Layout condition of Rth and Zth measurements (PCB: FR4 area = 58 mm x 58 mm, PCB
thickness = 2 mm, Cu thickness = 35 mm, Copper areas: from minimum pad lay-out to
6cm2).
Table 11. SO-8 thermal parameter
Area (cm2)Footprint
2
R1 (°C/W)
4
R2 (°C/W)
2
R3 (°C/W)
2
R4 (°C/W)
41
R5 (°C/W)
40
R6 (°C/W)
58
40
C1 (W.s/°C)
0.0003
C2 (W.s/°C)
0.0025
C3 (W.s/°C)
0.03
C4 (W.s/°C)
0.04
C5 (W.s/°C)
0.1
C6 (W.s/°C)
1.05
2
GAPGCFT00210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com